Electronic Components Datasheet Search
  English  ▼

X  

LTC1693 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1693
Description  High Speed Single/Dual N-Channel MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1693 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1693 Datasheet HTML 2Page - Linear Technology LTC1693 Datasheet HTML 3Page - Linear Technology LTC1693 Datasheet HTML 4Page - Linear Technology LTC1693 Datasheet HTML 5Page - Linear Technology LTC1693 Datasheet HTML 6Page - Linear Technology LTC1693 Datasheet HTML 7Page - Linear Technology LTC1693 Datasheet HTML 8Page - Linear Technology LTC1693 Datasheet HTML 9Page - Linear Technology LTC1693 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1693
PIN FUNCTIONS
SO-8 Package (LTC1693-1, LTC1693-2)
IN1, IN2 (Pins 1, 3): Driver Inputs. The inputs have VCC
independent thresholds with 1.2V typical hysteresis to
improve noise immunity.
GND1, GND2 (Pins 2, 4): Driver Grounds. Connect to a
low impedance ground. The VCC bypass capacitor should
connect directly to this pin. The source of the external
MOSFET should also connect directly to the ground pin.
This minimizes the AC current path and improves signal
integrity. The ground pins should not be tied together if
isolation is required between the two drivers of the
LTC1693-1 and the LTC1693-2.
OUT 1, OUT2 (Pins 5, 7): Driver Outputs. The LTC1693-
1’s outputs are in phase with their respective inputs (IN1,
IN2). The LTC1693-2’s topside driver output (OUT1) is in
phase with its input (IN1) and the bottom side driver’s
output (OUT2) is opposite in phase with respect to its input
pin (IN2).
VCC1, VCC2 (Pins 6, 8): Power Supply Inputs.
MSOP Package (LTC1693-3)
IN (Pin 1): Driver Input. The input has VCC independent
thresholds with hysteresis to improve noise immunity.
NC (Pins 2, 5, 6): No Connect.
PHASE (Pin 3): Output Polarity Select. Connect this pin to
VCC or leave it floating for noninverting operation. Ground
this pin for inverting operation. The typical PHASE pin
input current when pulled low is 20
µA.
GND (Pin 4): Driver Ground. Connect to a low impedance
ground. The VCC bypass capacitor should connect directly
to this pin. The source of the external MOSFET should also
connect directly to the ground pin. This minimizes the AC
current path and improves signal integrity.
OUT (Pin 7): Driver Output.
VCC (Pin 8): Power Supply Input.
VCC1
8
LTC1693-1
DUAL NONINVERTING DRIVER
7
1
2
OUT1
IN1
GND1
VCC2
6
5
3
4
OUT2
IN2
GND2
VCC
8
LTC1693-3
SINGLE DRIVER WITH
POLARITY SELECT
7
1
4
OUT
IN
GND
NC
6
5
3
2
NC
1693 BD
PHASE
NC
VCC1
8
LTC1693-2
TOPSIDE NONINVERTING DRIVER
AND BOTTOM SIDE INVERTING DRIVER
7
1
2
OUT1
IN1
GND1
VCC2
6
5
3
4
OUT2
IN2
GND2
BLOCK DIAGRA SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com