Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1735
1735fc
PI FU CTIO S
VOUT(RIPPLE)
(Burst Mode Operation)
Load Step (Burst Mode Operation)
Load Step (Continuous Mode)
VOUT
50mV/DIV
IL
5A/DIV
0A TO
10
µs/DIV
9A LOAD STEP
FCB = 0V
VIN = 15V
VOUT = 1.6V
VOUT
50mV/DIV
IL
5A/DIV
VOUT
20mV/DIV
IL
5A/DIV
FCB = 5V
5
µs/DIV
VIN = 15V
VOUT = 1.6V
10mA TO
10
µs/DIV
9A LOAD STEP
FCB = 5V
VIN = 15V
VOUT = 1.6V
1735 G27
1735 G26
1735 G25
FIGURE 1
FIGURE 1
FIGURE 1
ILOAD = 1.5A
TYPICAL PERFOR A CE CHARACTERISTICS
Start-Up
VOUT
1V/DIV
VRUN/SS
5V/DIV
IL
5A/DIV
VIN = 15V
5ms/DIV
VOUT = 1.6V
RLOAD = 0.16Ω
VOUT(RIPPLE) (Synchronized)
VOUT
10mV/DIV
IL
5A/DIV
EXT SYNC f = fO
10
µs/DIV
VIN = 15V
VOUT = 1.6V
VOUT
20mV/DIV
IL
5A/DIV
VOUT(RIPPLE)
(Burst Mode Operation)
FCB = 5V
50
µs/DIV
VIN = 15V
VOUT = 1.6V
1735 G22
1735 G23
1735 G24
FIGURE 1
FIGURE 1
ILOAD = 10mA
ILOAD = 50mA
COSC: External capacitor COSC from this pin to ground sets
the operating frequency.
RUN/SS: Combination of Soft-Start and Run Control In-
puts. A capacitor to ground at this pin sets the ramp time
to full output current. The time is approximately 1.25s/
µF.
Forcing this pin below 1.5V causes the device to shut
down. (See Applications Information section for quiescent
current note.) In shutdown all functions, including INTVCC,
are disabled. Latchoff overcurrent protection is also in-
voked via this pin as described in the Applications Infor-
mation section.
ITH: Error Amplifier Compensation Point. The current
comparator threshold increases with this control voltage.
Nominal voltage range for this pin is 0V to 2.4V.
FCB: Forced Continuous/Synchronization Input. Tie this
pin to ground for continuous synchronous operation, to a
resistive divider from the secondary output when using a
secondary winding or to INTVCC to enable Burst Mode
operation at low load currents. Clocking this pin with a
signal above 1.5VP–P disables Burst Mode operation but
allows cycle-skipping at low load currents and synchro-
nizes the internal oscillator with the external clock. The
FCB pin must not be driven when the device is shut down
(RUN/SS pin low).
SGND: Small-Signal Ground. All small-signal components
such as COSC, CSS, the feedback divider plus the loop com-
pensation resistor and capacitor(s) should single-point tie
to this pin. This pin should, in turn, connect to PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com