Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology LTC1735 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1735
1735fc
VOSENSE: Receives the feedback voltage from an external
resistive divider across the output.
SENSE– : The (–) Input to the Current Comparator.
SENSE+: The (+) Input to the Current Comparator. Built-in
offsets between SENSE– and SENSE+ pins in conjunction
with RSENSE set the current trip threshold.
PGOOD (LTC1735F Only): Open-Drain Logic Output.
PGOOD is pulled to ground when the voltage on the
VOSENSE pin is not within ±7.5% of its set point.
EXTVCC: Input to the Internal Switch Connected to INTVCC.
This switch closes and supplies VCC power whenever
EXTVCC is higher than 4.7V. See EXTVCC connection in the
Applications Information section. Do not exceed 7V on
this pin and ensure EXTVCC ≤ VIN.
PGND: Driver Power Ground. Connects to the source of
bottom N-channel MOSFET, the anode of the Schottky
diode, and the (–) terminal of CIN.
BG:
High
Current
Gate
Drive
for
Bottom
N-Channel MOSFET. Voltage swing at this pin is from
ground to INTVCC.
INTVCC: Output of the Internal 5.2V Regulator and EXTVCC
Switch. The driver and control circuits are powered from
this voltage. Decouple to power ground with a 1
µFceramic
capacitor placed directly adjacent to the IC together with a
minimum of 4.7
µF tantalum or other low ESR capacitor.
VIN: Main Supply Pin. Must be closely decoupled to power
ground.
SW: Switch Node Connection to Inductor and Bootstrap
Capacitor. Voltage swing at this pin is from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST: Supply to Topside Floating Driver. The bootstrap
capacitor is returned to this pin. Voltage swing at this pin
is from a diode drop below INTVCC to (VIN + INTVCC).
TG: High Current Gate Drive for Top N-Channel MOSFET.
This is the output of a floating driver with a voltage swing
equal to INTVCC superimposed on the switch node voltage
SW.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com