Electronic Components Datasheet Search
  English  ▼

X  

16932 Datasheet(PDF) 1 Page - Linear Technology

Part # 16932
Description  High Speed Single/Dual N-Channel MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

16932 Datasheet(HTML) 1 Page - Linear Technology

  16932 Datasheet HTML 1Page - Linear Technology 16932 Datasheet HTML 2Page - Linear Technology 16932 Datasheet HTML 3Page - Linear Technology 16932 Datasheet HTML 4Page - Linear Technology 16932 Datasheet HTML 5Page - Linear Technology 16932 Datasheet HTML 6Page - Linear Technology 16932 Datasheet HTML 7Page - Linear Technology 16932 Datasheet HTML 8Page - Linear Technology 16932 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1693
TYPICAL APPLICATION
DESCRIPTIO
FEATURES
APPLICATIO S
High Speed Single/Dual
N-Channel MOSFET Drivers
s
Dual MOSFET Drivers in SO-8 Package
or Single MOSFET Driver in MSOP Package
s
1G
Ω Electrical Isolation Between the Dual Drivers
Permits High/Low Side Gate Drive
s
1.5A Peak Output Current
s
16ns Rise/Fall Times at VCC = 12V, CL = 1nF
s
Wide VCC Range: 4.5V to 13.2V
s
CMOS Compatible Inputs with Hysteresis,
Input Thresholds are Independent of VCC
s
Driver Input Can Be Driven Above VCC
s
Undervoltage Lockout
s
Thermal Shutdown
The LTC
®1693 family drives power N-channel MOSFETs
at high speed. The 1.5A peak output current reduces
switching losses in MOSFETs with high gate capacitance.
The LTC1693-1 contains two noninverting drivers while
the LTC1693-2 contains one noninverting and one invert-
ing driver. These dual drivers are electrically isolated and
independent. The LTC1693-3 is a single driver with an
output polarity select pin.
All MOSFET drivers offer VCC independent CMOS input
thresholds with 1.2V of typical hysteresis. They can level-
shift the input logic signal up or down to the rail-to-rail VCC
drive for the external MOSFET.
The LTC1693 contains an undervoltage lockout circuit and
a thermal shutdown circuit that disable the external
N-channel MOSFET gate drive when activated.
The LTC1693-1 and LTC1693-2 come in an 8-lead SO pack-
age. The LTC1693-3 comes in an 8-lead MSOP package.
s
Power Supplies
s
High/Low Side Drivers
s
Motor/Relay Control
s
Line Drivers
s
Charge Pumps
Two Transistor Forward Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
12VIN
BOOST
TG
TS
SENSE +
SENSE –
BG
PHASE
RUN/SHDN
VFB
20
19
18
R6 100
Ω
R7 100
Ω
11
BAT54
12
16
14
13
R8
301k
1%
R2
5.1
Ω
R10
10k
1%
9
8
C15
0.1
µF
C14
3300pF
C11
0.1
µF
C12
100pF
C7
1
µF
C8
1
µF
C3
4700pF
25V
C4
0.1
µF
L1
1.5
µH
T1
13:2
VOUT
1.5V/15A
RETURN
1693 TA01
C13
1
µF
C1: SANYO 63MV330GX
C2: WIMA SMD4036/1.5/63/20/TR
C6: KEMET T510X477M006AS (
×8)
L1: GOWANDA 50-318
T1: GOWANDA 50-319
C5
1
µF
C10
0.1
µF
C9
1800pF
5%
NPO
R9
12k
R5
2.49k
1%
15
17
2
1
12V
RETURN
VIN
48VDC
±10%
4
3
5
6
7
10
SYNC
5VREF
SL/ADJ
CT
IAVG
SS
VC
VREF
PGND
SGND
LT1339
LTC1693CS8-2
D2
MURS120
IN1
GND1
IN2
GND2
8
7
6
5
1
2
3
4
VCC1
OUT1
VCC2
OUT2
LTC1693CS8-2
IN1
GND1
IN2
GND2
8
7
6
5
1
2
3
4
VCC1
OUT1
VCC2
OUT2
D4
MBRO530T1
D3
MURS120
Q1
MTD20NO6HD
D1
MURS120
C2
1.5
µF
63V
C1
330
µF
63V
Q3
MTD20NO6HD
Q4
Si4420
R1
0.068
Ω
+
Q2
Si4420
×2
C6
470
µF
6.3V
×8
+
R3
249
Ω
1%
R4
1.24k
1%
••


Similar Part No. - 16932

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1693 POMONA-1693 Datasheet
22Kb / 1P
Spade Lug Patch Cord For Low Voltage Measurements
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
493Kb / 1P
Space saving design for high density packaging
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
High Current Switching DC Power Supplies
logo
IET Labs Inc.
1693 IET-1693 Datasheet
1Mb / 3P
High-Accuracy Impedance Bridge
09-20-2012
More results

Similar Description - 16932

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
High Speed, Dual Channel Power MOSFET Drivers
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
High Speed Single/Dual MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
High Speed, Dual Channel Power MOSFET Drivers
May 9, 2005
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
logo
Linear Technology
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
logo
Intersil Corporation
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Texas Instruments
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
Single-Channel High-Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com