Electronic Components Datasheet Search
  English  ▼

X  

16932 Datasheet(PDF) 20 Page - Linear Technology

Part # 16932
Description  High Speed Single/Dual N-Channel MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

16932 Datasheet(HTML) 20 Page - Linear Technology

Back Button 16932 Datasheet HTML 12Page - Linear Technology 16932 Datasheet HTML 13Page - Linear Technology 16932 Datasheet HTML 14Page - Linear Technology 16932 Datasheet HTML 15Page - Linear Technology 16932 Datasheet HTML 16Page - Linear Technology 16932 Datasheet HTML 17Page - Linear Technology 16932 Datasheet HTML 18Page - Linear Technology 16932 Datasheet HTML 19Page - Linear Technology 16932 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1693
©LINEAR TECHNOLOGY CORPORATION 1999
1693fa LT/TP 1000 2K REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1154
High Side Micropower MOSFET Drivers
Internal Charge Pump, 4.5V to 48V Supply Range, tON = 80µs, tOFF = 28µs
LTC1155
Dual Micropower High/Low Side Drivers with
4.5V to 18V Supply Range
Internal Charge Pump
LTC1156
Dual Micropower High/Low Side Drivers with
4.5V to 18V Supply Range
Internal Charge Pump
LTC1157
3.3V Dual Micropower High/Low Side Driver
3.3V or 5V Supply Range
LT
®1160/LT1162
Half/Full Bridge N-Channel Power MOSFET Driver
Dual Driver with Topside Floating Driver, 10V to 15V Supply Range
LT1161
Quad Protected High Side MOSFET Driver
8V to 48V Supply Range, tON = 200µs, tOFF = 28µs
LTC1163
Triple 1.8V to 6V High Side MOSFET Driver
1.8V to 6V Supply Range, tON = 95µs, tOFF = 45µs
LT1339
High Power Synchronous DC/DC Controller
Current Mode Operation Up to 60V, Dual N-Channel Synchronous Drive
LTC1435
High Efficiency, Low Noise Current Mode
3.5V to 36V Operation with Ultrahigh Efficiency, Dual N-Channel MOSFET
Step-Down DC/DC Controller
Synchronous Drive
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
Isolated Push-Pull DC/DC Converter
OUTPUT CURRENT (A)
0
0
2
6
8
10
14
0.1
0.5
0.7
1693 F05b
4
12
0.4
0.9 1.0
0.2 0.3
0.6
0.8
VCC = 5V
OUTPUT CURRENT (A)
0
100
90
80
70
60
50
40
30
20
0.8
1693 F05c
0.2
0.4
0.6
1.0
0.7
0.1
0.3
0.5
0.9
VCC = 5V
Output Voltage
Efficiency
TYPICAL APPLICATION
74HC14
VCC = 5V
VCC = 5V
14
C2
0.1
µF
C1
390pF
C3
0.1
µF
C4
1
µF
R1
6.2k
7
12
13
LTC1693-2
6
4
T1: PHILIPS CPHS-EFD20-1S-10P
FIRST WIND T1A AND T1C BIFILAR,
THEN WIND T1E AND T1F BIFILAR,
THEN WIND T1B AND T1D BIFILAR
5
1693 F05a
3
LTC1693-2
8
2
Q1
Si4410
R2
10
Ω
T1A
24T
#32
VOUT
12V
1A
C5
2.2nF
100V
×2
Q2
Si4410
7
VCC = 5V
•
•
•
1
74HC74
PRESET
CLR
GND
D
7
8
9
14
13
10
12
11
Q
Q
C6
330
µF
6.3V
C9
270
µF
25V
×3
R3
10
Ω
D1
MBR340
C7
2.2nF
100V
R4
10
Ω
C8
2.2nF
100V
D2
MBR340
L1
1
µH
+
+
2
1
T1D
24T
#32
•
4
3
T1B
24T
#32
T1E
24T
#28
•
2
1
8
9
T1F
24T
#28
8
9
T1C
24T
#32
•
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com