Electronic Components Datasheet Search
  English  ▼

X  

LTC1872 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC1872
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC1872 Datasheet HTML 28Page - Linear Technology LTC1872 Datasheet HTML 29Page - Linear Technology LTC1872 Datasheet HTML 30Page - Linear Technology LTC1872 Datasheet HTML 31Page - Linear Technology LTC1872 Datasheet HTML 32Page - Linear Technology LTC1872 Datasheet HTML 33Page - Linear Technology LTC1872 Datasheet HTML 34Page - Linear Technology LTC1872 Datasheet HTML 35Page - Linear Technology LTC1872 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC1871
36
1871fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT 0108 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
High Power SLIC Supply with Undervoltage Lockout
(Also See the LTC3704 Data Sheet)
+
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
LTC1871
RT
120k
f = 200kHz
*COILTRONICS VP5-0155
(PRIMARY = 3 WINDINGS IN PARALLEL)
C1
4.7μF
X5R
+
CIN
220μF
16V
TPS
C3
10μF
25V
X5R
IRL2910
RS
0.012Ω
C8
0.1μF
D3
10BQ060
5
•
•
VIN
7V TO 12V
T1*
1, 2, 3
RC
82k
CC1
1nF
CC2
100pF
CR
1nF
R1
49.9k
1%
R2
150k
1%
D4
10BQ060
6
•
D2
10BQ060
4
•
C4
10μF
25V
X5R
COUT
3.3μF
100V
GND
VOUT1
–24V
200mA
VOUT2
–72V
200mA
C5
10μF
25V
X5R
4
3
1871 TA06
2
6
1
10k
RF1
10k
1%
RF2
196k
1%
C2
4.7μF
50V
X5R
LT1783
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1619
Current Mode PWM Controller
300kHz Fixed Frequency, Boost, SEPIC, Flyback Topology
LTC1624
Current Mode DC/DC Controller
SO-8; 300kHz Operating Frequency; Buck, Boost, SEPIC Design;
VIN Up to 36V
LTC1700
No RSENSE Synchronous Step-Up Controller
Up to 95% Efficiency, Operation as Low as 0.9V Input
LTC1871-7
Wide Input Range Controller
No RSENSE, 7V Gate Drive, Current Mode Control
LTC1872
SOT-23 Boost Controller
Delivers Up to 5A, 550kHz Fixed Frequency, Current Mode
LT1930
1.2MHz, SOT-23 Boost Converter
Up to 34V Output, 2.6V ≤ VIN ≤ 16V, Miniature Design
LT1931
Inverting 1.2MHz, SOT-23 Converter
Positive-to-Negative DC/DC Conversion, Miniature Design
LTC3401/LTC3402
1A/2A 3MHz Synchronous Boost Converters
Up to 97% Efficiency, Very Small Solution, 0.5V ≤ VIN ≤ 5V
LTC3704
Positive-to-Negative DC/DC Controller
No RSENSE, Current Mode Control, 50kHz to 1MHz
LT3782
2-Phase Step-Up DC/DC Controller
6V ≤ VIN ≤ 40V; 4A Gate Drive, 150kHz to 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com