Electronic Components Datasheet Search
  English  ▼

X  

LTC3401 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3401
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 25Page - Linear Technology LTC3401 Datasheet HTML 26Page - Linear Technology LTC3401 Datasheet HTML 27Page - Linear Technology LTC3401 Datasheet HTML 28Page - Linear Technology LTC3401 Datasheet HTML 29Page - Linear Technology LTC3401 Datasheet HTML 30Page - Linear Technology LTC3401 Datasheet HTML 31Page - Linear Technology LTC3401 Datasheet HTML 32Page - Linear Technology LTC3401 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC1871
29
1871fe
APPLICATIONS INFORMATION
3. The operating frequency is chosen to be 300kHz to
reduce the size of the inductors; the resistor from the
FREQ pin to ground is 80k.
4. An inductor ripple current of 40% is chosen, so the peak
input current (which is also the minimum saturation
current) is:
IL1(PEAK) = 1+
2
•IO(MAX) •
VO + VD
VIN(MIN)
= 1+
0.4
2
• 1.5 •
12
+ 0.5
5
= 4.5A
The inductor ripple current is:
IL = •IO(MAX) •
DMAX
1– DMAX
= 0.4 •1.5 •
0.714
1– 0.714
= 1.5A
And so the inductor value is:
L
=
VIN(MIN)
2• IL • f
•DMAX =
5
2 • 1.5 • 300k
• 0.714
= 4μH
The component chosen is a BH Electronics BH510-
1007, which has a saturation current of 8A.
5. With an minimum input voltage of 5V, only logic-level
power MOSFETs should be considered. Because the
maximum duty cycle is 71.4%, the maximum SENSE
pin threshold voltage is reduced from its low duty
cycle typical value of 150mV to approximately 120mV.
Assuming a MOSFET junction temperature of 125°C,
the room temperature MOSFET RDS(ON) should be less
than:
RDS(ON)
VSENSE(MAX)
IO(MAX)
•
1
1
+
2
• T
•
1
VO + VD
VIN(MIN)
+ 1
=
0.12
1.5
•
1
1.2 • 1.5
•
1
12.5
5
+ 1
= 12.7m
For a SEPIC converter, the switch BVDSS rating must be
greater than VIN(MAX) + VO, or 27V. This comes close to
an IRF7811W, which is rated to 30V, and has a maximum
room temperature RDS(ON) of 12mΩ at VGS = 4.5V.
6. The diode for this design must handle a maximum
DC output current of 2A and be rated for a minimum
reverse voltage of VIN + VOUT, or 27V. A 3A, 40V diode
from International Rectifier (30BQ040) is chosen for its
small size, relatively low forward drop and acceptable
reverse leakage at high temp.
7. The output capacitor usually consists of a high valued
bulk C connected in parallel with a lower valued, low ESR
ceramic. Based on a maximum output ripple voltage of
1%, or 120mV, the bulk C needs to be greater than:
COUT
IOUT(MAX)
0.01• VOUT • f
=
1.5A
0.01• 12V • 300kHz
= 41μF
The RMS ripple current rating for this capacitor needs
to exceed:
IRMS(COUT) IO(MAX) •
VO
VIN(MIN)
=
1.5A •
12V
5V
= 2.3A
To satisfy this high RMS current demand, two 47μF
Kemet capacitors (T495X476K020AS) are required. As a
result, the output ripple voltage is a low 50mV to 60mV.
In parallel with these tantalums, two 10μF, low ESR (X5R)
Taiyo Yuden ceramic capacitors (TMK432BJ106MM) are
added for HF noise reduction. Check the output ripple
with a single oscilloscope probe connected directly
across the output capacitor terminals, where the HF
switching currents flow.
8. The choice of an input capacitor for a SEPIC converter
depends on the impedance of the source supply and the
amount of input ripple the converter will safely toler-
ate. For this particular design and lab setup, a single
47μF Kemet tantalum capacitor (T495X476K020AS) is
adequate. As with the output node, check the input ripple
with a single oscilloscope probe connected across the
input capacitor terminals. If any HF switching noise is
observed it is a good idea to decouple the input with
a low ESR, X5R ceramic capacitor as close to the VIN
and GND pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com