Electronic Components Datasheet Search
  English  ▼

X  

LTC3401 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3401
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 28Page - Linear Technology LTC3401 Datasheet HTML 29Page - Linear Technology LTC3401 Datasheet HTML 30Page - Linear Technology LTC3401 Datasheet HTML 31Page - Linear Technology LTC3401 Datasheet HTML 32Page - Linear Technology LTC3401 Datasheet HTML 33Page - Linear Technology LTC3401 Datasheet HTML 34Page - Linear Technology LTC3401 Datasheet HTML 35Page - Linear Technology LTC3401 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC1871
32
1871fe
TYPICAL APPLICATIONS
18V to 27V Input, 28V Output, 400W 2-Phase, Low Ripple, Synchronized RF Base Station Power Supply (Boost)
5V to 12V Input, ±12V/0.2A Output SEPIC Converter with Undervoltage Lockout
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
1
2
3
4
5
10
9
8
7
6
LTC1871
RT1
150k
5%
RS1
0.007Ω
1W
EXT CLOCK
INPUT (200kHz)
R2
8.45k
1%
CVCC1
4.7μF
X5R
CIN2
2.2μF
35V
X5R
M1
D1
L2
5.6μH
L5*
0.3μH
CC1
47pF
CFB1
47pF
VIN
18V to 27V
GND
VOUT
28V
14A
1871 TA04
COUT1
2.2μF
35V
X5R
×3
COUT2
330μF
50V
CIN1:
SANYO 50MV330AX
CIN2, 3:
TAIYO YUDEN GMK325BJ225MN
COUT2, 4, 5: SANYO 50MV330AX
COUT1, 3, 6: TAIYO YUDEN GMK325BJ225MN
CVCC1, 2:
TAIYO YUDEN LMK316BJ475ML
L1 TO L4: SUMIDA CEP125-5R6MC-HD
L5:
SUMIDA CEP125-0R3NC-ND
D1, D2:
ON SEMICONDUCTOR MBR2045CT
M1, M2:
INTERNATIONAL RECTIFIER IRLZ44NS
R1
93.1k
1%
L1
5.6μH
*L5, COUT5 AND
COUT6 ARE AN
OPTIONAL SECONDARY
FILTER TO REDUCE
OUTPUT RIPPLE FROM
<500mVP-P TO <100mVP-P
+
COUT5*
330μF
50V
×4
COUT6*
2.2μF
35V
X5R
CIN1
330μF
50V
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
1
2
3
4
5
10
9
8
7
6
LTC1871
RT2
150k
5%
R3
12.1k
1%
RC
22k
R4
261k
1%
CVCC2
4.7μF
X5R
CIN3
2.2μF
35V
X5R
M2
D2
L4
5.6μH
CC2
47pF
CC3
6.8nF
CFB2
47pF
COUT3
2.2μF
35V
X5R
×3
COUT4
330μF
50V
L3
5.6μH
+
RS2
0.007Ω
1W
+
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
1
2
3
4
5
10
9
8
7
6
LTC1871
RT
60.4k
1%
RS
0.02Ω
R4
127Ω
1%
R2
54.9k
1%
R3
1.10k
1%
CVCC
4.7μF
10V
X5R
CIN1
1μF
16V
X5R
M1
D1
L1*
•
RC
22k
CC1
6.8nF
CC2
100pF
CDC1
4.7μF
16V
X5R
VIN
5V to 12V
VOUT1
12V
0.4A
GND
VOUT2
–12V
0.4A
1871 TA03
COUT1
4.7μF
16V
X5R
×3
COUT2
4.7μF
16V
X5R
×3
D1, D2:
MBS120T3
L1 TO L3: COILTRONICS VP1-0076 (*COUPLED INDUCTORS)
M1:
SILICONIX/VISHAY Si4840
R1
127k
1%
CIN2
47μF
16V
AVX
CDC2
4.7μF
16V
X5R
+
L2*
L3*
D2
•
•
NOTE:
1. VIN UVLO
+ = 4.47V
VIN UVLO
– = 4.14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com