Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 20 Page - Linear Technology

Part # LT8705
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology LT8705 Datasheet HTML 19Page - Linear Technology LT8705 Datasheet HTML 20Page - Linear Technology LT8705 Datasheet HTML 21Page - Linear Technology LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology LT8705 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC3780
20
3780ff
For more information www.linear.com/LTC3780
applicaTions inForMaTion
Schottky Diode (D1, D2) Selection
and Light Load Operation
TheSchottkydiodesD1andD2showninFigure13conduct
during the dead time between the conduction of the power
MOSFET switches. They are intended to prevent the body
diode of synchronous switches B and D from turning on
and storing charge during the dead time. In particular, D2
significantly reduces reverse recovery current between
switch D turn-off and switch C turn-on, which improves
converterefficiencyandreducesswitchCvoltagestress.In
orderforthediodetobeeffective,theinductancebetweenit
and the synchronous switch must be as small as possible,
mandating that these components be placed adjacently.
In buck mode, when the FCB pin voltage is 0.85 < VFCB
< 5V, the converter operates in skip-cycle mode. In this
mode, synchronous switch B remains off until the induc-
tor peak current exceeds one-fifth of its maximum peak
current. As a result, D1 should be rated for about one-half
to one-third of the full load current.
In boost mode, when the FCB pin voltage is higher than
5.3V,theconverteroperatesindiscontinuouscurrentmode.
In this mode, synchronous switch D remains off until the
inductor peak current exceeds one-fifth of its maximum
peak current. As a result, D2 should be rated for about
one-third to one-fourth of the full load current.
Inbuckmode,whentheFCBpinvoltageishigherthan5.3V,
the converter operates in constant frequency discontinu-
ous current mode. In this mode, synchronous switch B
remains on until the inductor valley current is lower than
the sense voltage representing the minimum negative
inductor current level (VSENSE = –5mV). Both switch A
and B are off until next clock signal.
In boost mode, when the FCB pin voltage is 0.85 < VFCB
< 5.3V, the converter operates in Burst Mode operation.
In this mode, the controller clamps the peak inductor
current to approximately 20% of the maximum inductor
current. The output voltage ripple can increase during
Burst Mode operation.
INTVCC Regulator
An internal P-channel low dropout regulator produces 6V
at the INTVCC pin from the VIN supply pin. INTVCC powers
the drivers and internal circuitry within the LTC3780. The
INTVCC pin regulator can supply a peak current of 40mA
and must be bypassed to ground with a minimum of 4.7µF
tantalum,10µFspecialpolymerorlowESRtypeelectrolytic
capacitor. A 1µF ceramic capacitor placed directly adjacent
to the INTVCC and PGND IC pins is highly recommended.
Good bypassing is necessary to supply the high transient
current required by MOSFET gate drivers.
Higher input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC3780 to be
exceeded.Thesystemsupplycurrentisnormallydominated
by the gate charge current. Additional external loading of
the INTVCC also needs to be taken into account for the
power dissipation calculations. The total INTVCC current
can be supplied by either the 6V internal linear regulator
or by the EXTVCC input pin. When the voltage applied to
the EXTVCC pin is less than 5.7V, all of the INTVCC current
is supplied by the internal 6V linear regulator. Power dis-
sipation for the IC in this case is VIN • IINTVCC, and overall
efficiency is lowered. The junction temperature can be
estimated by using the equations given in Note 2 of the
Electrical Characteristics. For example, a typical applica-
tion operating in continuous current mode might draw
24mA from a 24V supply when not using the EXTVCC pin:
TJ = 70°C + 24mA • 24V • 34°C/W = 90°C
Use of the EXTVCC input pin reduces the junction tem-
perature to:
TJ = 70°C + 24mA • 6V • 34°C/W = 75°C
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked op-
erating in continuous mode at maximum VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com