Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 30 Page - Linear Technology

Part # LT8705
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology LT8705 Datasheet HTML 24Page - Linear Technology LT8705 Datasheet HTML 25Page - Linear Technology LT8705 Datasheet HTML 26Page - Linear Technology LT8705 Datasheet HTML 27Page - Linear Technology LT8705 Datasheet HTML 28Page - Linear Technology LT8705 Datasheet HTML 29Page - Linear Technology LT8705 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC3780
30
3780ff
For more information www.linear.com/LTC3780
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2005
LT 0413 REV F • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3780
relaTeD parTs
Typical applicaTion
LTC3780
DA
BO540W
DB
BO540W
CF 0.1µF
COUT
330µF
16V
VOUT
12V
5A
VIN
5V TO 32V
CC1
0.01µF
CC2
47pF
CSS
0.022µF
CIN
22µF
35V
3780 TA02
CA
0.22µF
VPULLUP
CB 0.22µF
B
Si7884DP
C
Si7884DP
D
Si7884DP
L
4.7µH
D1
B340A
D2
B320A
A
Si7884DP
CVCC 4.7µF
9m
10
PGOOD
SS
SENSE+
SENSE–
ITH
VOSENSE
BOOST1
TG1
SW1
VIN
EXTVCC
INTVCC
1
2
3
4
5
6
24
23
22
21
20
19
SGND
RUN
FCB
PLLFLTR
BG1
PGND
BG2
SW2
PLLIN
STBYMD
TG2
BOOST2
7
8
9
10
18
17
16
15
11
12
14
13
100
100
R1
8.06k, 1% R2 113k, 1%
ON/OFF
10k
2V
RC
100k
RPU
68pF
CSTBYMD
0.01µF
+
22µF
16V, X7R
× 3
3.3µF
50V, X5R
× 3
Figure 13. LTC3780 12V/5A, Buck-Boost Regulator
PART NUMBER
DESCRIPTION
COMMENTS
LTC3789
38V High Efficiency Synchronous 4-Switch Buck-Boost
DC/DC Controller
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 38V 4mm × 5mm QFN-28, SSOP-28
LT3791-1
60V High Efficiency Synchronous 4-Switch Buck-Boost
DC/DC Controller
4.7V ≤ VIN ≤ 60V, 1.2V ≤ VOUT ≤ 30V TSSOP-38
LT8705
80V High Efficiency Synchronous 4-Switch Buck-Boost
DC/DC Controller
2.8V ≤ VIN ≤ 80V, 1.3V ≤ VOUT ≤ 80V 5mm × 7mm QFN-38,
TSSOP-38
LTC3785
10V High Efficiency Synchronous 4-Switch Buck-Boost
DC/DC Controller
2.7V ≤ VIN ≤ 10V, 2.7V ≤ VOUT ≤ 10V 4mm × 4mm QFN-24
LTC3112
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
2.7V ≤ VIN ≤ 15V, 2.5V ≤ VOUT ≤ 14V 4mm × 5mm DFN-16,
TSSOP-20
LTC3115-1
40V, 2A Synchronous Buck-Boost DC/DC Converter
2.7V ≤ VIN ≤ 40V, 2.7V ≤ VOUT ≤ 40V 4mm × 5mm DFN-16,
TSSOP-20
LTM4607
High Efficiency Buck-Boost DC/DC µModule®
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 25V 15mm × 15mm × 2.8mm
LTM4609
High Efficiency Buck-Boost DC/DC µModule
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 34V 15mm × 15mm × 2.8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com