Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3713
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3713 Datasheet HTML 3Page - Linear Technology LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology LTC3713 Datasheet HTML 10Page - Linear Technology LTC3713 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1778/LTC1778-1
1778fb
PI FU CTIO S
RUN/SS (Pin 1): Run Control and Soft-Start Input. A
capacitor to ground at this pin sets the ramp time to full
output current (approximately 3s/µF) and the time delay
for overcurrent latchoff (see Applications Information).
Forcing this pin below 0.8V shuts down the device.
PGOOD (Pin 2, LTC1778): Power Good Output. Open
drain logic output that is pulled to ground when the output
voltage is not within ±7.5% of the regulation point.
VON (Pin 2, LTC1778-1): On-Time Voltage Input. Voltage
trip point for the on-time comparator. Tying this pin to the
output voltage or an external resistive divider from the
output makes the on-time proportional to VOUT. The
comparator input defaults to 0.7V when the pin is grounded
or unavailable (LTC1778) and defaults to 2.4V when the
pin is tied to INTVCC. Tie this pin to INTVCC in high VOUT
applications to use a lower RON value.
VRNG (Pin 3): Sense Voltage Range Input. The voltage at
this pin is ten times the nominal sense voltage at maxi-
mum output current and can be set from 0.5V to 2V by a
resistive divider from INTVCC. The nominal sense voltage
defaults to 70mV when this pin is tied to ground, 140mV
when tied to INTVCC.
FCB (Pin 4): Forced Continuous Input. Tie this pin to
ground to force continuous synchronous operation at low
load, to INTVCC to enable discontinuous mode operation
at low load or to a resistive divider from a secondary output
when using a secondary winding.
ITH (Pin 5): Current Control Threshold and Error Amplifier
Compensation Point. The current comparator threshold
increases with this control voltage. The voltage ranges
from 0V to 2.4V with 0.8V corresponding to zero sense
voltage (zero current).
SGND (Pin 6): Signal Ground. All small-signal compo-
nents and compensation components should connect to
this ground, which in turn connects to PGND at one point.
ION (Pin 7): On-Time Current Input. Tie a resistor from VIN
to this pin to set the one-shot timer current and thereby set
the switching frequency.
VFB (Pin 8): Error Amplifier Feedback Input. This pin
connects the error amplifier input to an external resistive
divider from VOUT.
EXTVCC (Pin 9): External VCC Input. When EXTVCC ex-
ceeds 4.7V, an internal switch connects this pin to INTVCC
and shuts down the internal regulator so that controller
and gate drive power is drawn from EXTVCC. Do not exceed
7V at this pin and ensure that EXTVCC < VIN.
VIN (Pin 10): Main Input Supply. Decouple this pin to
PGND with an RC filter (1Ω, 0.1µF).
INTVCC (Pin 11): Internal 5V Regulator Output. The driver
and control circuits are powered from this voltage. De-
couple this pin to power ground with a minimum of 4.7µF
low ESR tantalum capacitor.
BG (Pin 12): Bottom Gate Drive. Drives the gate of the
bottom N-channel MOSFET between ground and INTVCC.
PGND (Pin 13): Power Ground. Connect this pin closely to
the source of the bottom N-channel MOSFET, the (–)
terminal of CVCC and the (–) terminal of CIN.
SW (Pin 14): Switch Node. The (–) terminal of the boot-
strap capacitor CB connects here. This pin swings from a
diode voltage drop below ground up to VIN.
TG (Pin 15): Top Gate Drive. Drives the top N-channel
MOSFET with a voltage swing equal to INTVCC superim-
posed on the switch node voltage SW.
BOOST (Pin 16): Boosted Floating Driver Supply. The (+)
terminal of the bootstrap capacitor CB connects here. This
pin swings from a diode voltage drop below INTVCC up to
VIN + INTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com