Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3713
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 5 Page - Linear Technology

  LTC3713 Datasheet HTML 1Page - Linear Technology LTC3713 Datasheet HTML 2Page - Linear Technology LTC3713 Datasheet HTML 3Page - Linear Technology LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1778/LTC1778-1
1778fb
TYPICAL PERFOR A CE CHARACTERISTICS
Maximum Current Sense
Threshold vs Temperature
Maximum Current Sense
Threshold vs VRNG Voltage
Feedback Reference Voltage
vs Temperature
VRNG VOLTAGE (V)
0.5
0
50
100
150
200
300
0.75
1.0
1.25
1.5
1778 G10
1.75
2.0
250
TEMPERATURE (°C)
–50
–25
100
120
150
0
50
75
1778 G11
110
140
130
25
100
125
VRNG = 1V
TEMPERATURE (°C)
–50
0.78
0.79
0.80
0.81
0.82
–25
0
25
50
1778 G12
75
100
125
Current Limit Foldback
VFB (V)
0
0
25
50
75
100
125
150
VRNG = 1V
0.2
0.4
0.6
0.8
1778 G09
On-Time vs ION Current
ION CURRENT (µA)
1
10
100
1k
10k
10
100
1778 G20
VVON = 0V
VON VOLTAGE (V)
0
400
600
1778 G21
200
0
1
2
3
1000
IION = 30µA
800
TEMPERATURE (°C)
–50
200
250
300
25
75
1778 G22
150
100
–25
0
50
100
125
50
0
IION = 30µA
VVON = 0V
On-Time vs VON Voltage
On-Time vs Temperature
RUN/SS VOLTAGE (V)
1.5
0
25
50
75
100
125
150
VRNG = 1V
2
2.5
3
3.5
1778 G23
Maximum Current Sense
Threshold vs RUN/SS Voltage
Current Sense Threshold
vs ITH Voltage
ITH VOLTAGE (V)
0
–200
–100
0
100
200
300
0.5
1.0
1.5
2.0
1778 G08
2.5
3.0
VRNG =
1V
0.7V
0.5V
1.4V
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com