Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4267IGN Datasheet HTML 12Page - Linear Technology LTC4267IGN Datasheet HTML 13Page - Linear Technology LTC4267IGN Datasheet HTML 14Page - Linear Technology LTC4267IGN Datasheet HTML 15Page - Linear Technology LTC4267IGN Datasheet HTML 16Page - Linear Technology LTC4267IGN Datasheet HTML 17Page - Linear Technology LTC4267IGN Datasheet HTML 18Page - Linear Technology LTC4267IGN Datasheet HTML 19Page - Linear Technology LTC4267IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC4267
16
4267fc
The undervoltage lockout mechanism on PVCC prevents
the LTC4267 switching regulator from trying to drive the
external N-Channel MOSFET with insufficient gate-to-
Adjustable Slope Compensation
The LTC4267 switching regulator injects a 5µA peak cur-
rent ramp out through its SENSE pin which can be used
for slope compensation in designs that require it. This
current ramp is approximately linear and begins at zero
current at 6% duty cycle, reaching peak current at 80%
duty cycle. Programming the slope compensation via a
series resistor is discussed in the External Interface and
Component Selection section.
EXTERNAL INTERFACE AND COMPONENT SELECTION
Input Interface Transformer
Nodes on an Ethernet network commonly interface to the
outside world via an isolation transformer (Figure 9). For
PoE devices, the isolation transformer must include a
center tap on the media (cable) side. Proper termination
is required around the transformer to provide correct
impedance matching and to avoid radiated and conducted
emissions. Transformer vendors such as Bel Fuse, Coil-
craft, Pulse and Tyco (Table 3) can provide assistance with
selection of an appropriate isolation transformer and proper
termination methods. These vendors have transformers
specifically designed for use in PD applications.
Table 3. Power over Ethernet Transformer Vendors
VENDOR
CONTACT INFORMATION
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel: 201-432-0463
FAX: 201-432-9542
http://www.belfuse.com
Coilcraft, Inc.
1102 Silver Lake Road
Cary, IL 60013
Tel: 847-639-6400
FAX: 847-639-1469
http://www.coilcraft.com
Pulse Engineering
12220 World Trade Drive
San Diego, CA 92128
Tel: 858-674-8100
FAX: 858-674-8262
http://www.pulseeng.com
Tyco Electronics
308 Constitution Drive
Menlo Park, CA 94025-1164
Tel: 800-227-7040
FAX: 650-361-2508
http://www.circuitprotection.com
APPLICATIO S I FOR ATIO
Figure 8. LTC4267 Switching Regulator
Start-Up/Shutdown State Diagram
source voltage. The voltage at the PVCC pin must exceed
VTURNON (nominally 8.7V with respect to PGND) at least
momentarily to enable operation. The PVCC voltage must
fall to VTURNOFF (nominally 5.7V with respect to PGND)
before the undervoltage lockout disables the switching
regulator. This wide UVLO hysteresis range supports
applications where a bias winding on the flyback trans-
former is used to increase the efficiency of the LTC4267
switching regulator.
The ITH/RUN can be driven below VITHSHDN (nominally
0.28V with respect to PGND) to force the LTC4267 switching
regulator into shutdown. An internal 0.3µA current source
always tries to pull the ITH/RUN pin towards PVCC. When
the ITH/RUN pin voltage is allowed to exceed VITHSHDN and
PVCC exceeds VTURNON, the LTC4267 switching regulator
begins to operate and an internal clamp immediately pulls
the ITH/RUN pin to about 0.7V. In operation, the ITH/RUN
pin voltage will vary from roughly 0.7V to 1.9V to represent
current comparator thresholds from zero to maximum.
Internal Soft-Start
An internal soft-start feature is enabled whenever the
LTC4267 switching regulator comes out of shutdown.
Specifically, the ITH/RUN voltage is clamped and is
prevented from reaching maximum until 1.4ms have
passed. This allows the input current of the PD to rise in a
smooth and controlled manner on start-up and stay within
the current limit requirement of the LTC4267 interface.
LTC4267
PWM
SHUTDOWN
LTC4267
PWM
ENABLED
VITH/RUN
< VITHSHDN
(NOMINALLY
0.28V)
VITH/RUN > VITHSHDN
AND PVCC > VTURNON
(NOMINALLY 8.7V)
PVCC < VTURNOFF
4267 F08
ALL VOLTAGES WITH
RESPECT TO PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com