Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4267IGN Datasheet HTML 22Page - Linear Technology LTC4267IGN Datasheet HTML 23Page - Linear Technology LTC4267IGN Datasheet HTML 24Page - Linear Technology LTC4267IGN Datasheet HTML 25Page - Linear Technology LTC4267IGN Datasheet HTML 26Page - Linear Technology LTC4267IGN Datasheet HTML 27Page - Linear Technology LTC4267IGN Datasheet HTML 28Page - Linear Technology LTC4267IGN Datasheet HTML 29Page - Linear Technology LTC4267IGN Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4267
26
4267fc
transformer voltage is higher than the PSE voltage, the
LTC4267 switching regulator will draw power from the
transformer. In this situation, it is necessary to address the
issue of power cycling that may occur if a PSE is present.
The PSE will detect the PD and apply power. If the switcher
is being powered by the wall transformer, then the PD will
not meet the minimum load requirement and the PSE will
subsequently remove power. The PSE will again detect
the PD and power cycling will start. With a transformer
voltage above the PSE voltage, it is necessary to either
disable the signature, as shown in option 2, or install a
minimum load on the output of the LTC4267 interface to
prevent power cycling.
The third option also applies power directly to the LTC4267
switching regulator, bypassing the LTC4267 interface
controller and omitting diode D9. With the diode omit-
ted, the transformer voltage is applied to the LTC4267
interface controller in addition to the switching regulator.
For this reason, it is necessary to ensure that the trans-
former maintain the voltage between 38V and 57V to keep
the LTC4267 interface controller in its normal operating
range. The third option has the advantage of automatically
disabling the 25kΩ signature resistor when the external
voltage exceeds the PSE voltage.
Power-Up Sequencing the LTC4267
The LTC4267 consists of two functional cells, the PD
interface and the switching regulator, and the power up
sequencing of these two cells must be carefully considered.
The PD designer should ensure that the switching regulator
does not begin operation until the interface has completed
charging up the load capacitor. This will ensure that the
switcher load current does not compete with the load
capacitor charging current provided by the PD interface
current limit circuit. Overlooking this consideration may
result in slow power supply ramp up, power-up oscillation,
and possibly thermal shutdown.
The LTC4267 includes a power good signal in the PD inter-
face that can be used to indicate to the switching regulator
that the load capacitor is fully charged and ready to handle
the switcher load. Figure 7 shows two examples of ways
the ⎯P⎯W⎯R⎯G⎯D signal can be used to control the switching
regulator. The first example employs an N-channel MOSFET
to drive the ITH/RUN port below the shutdown threshold
(typically 0.28V). The second example drives PVCC below
the PVCCturn-offthreshold.Employingthesecondexample
has the added advantage of adding delay to the switching
regulator start-up beyond the time the power good signal
becomes active. The second example ensures additional
timing margin at start-up without the need for added delay
components. In applications where it is not desirable to
utilize the power good signal, sufficient timing margin can
be achieved with RSTART and CPVCC. RSTART and CPVCC
should be set to a delay of two to three times longer than
the duration needed to charge up C1.
Layout Considerations for the LTC4267
The most critical layout considerations for the LTC4267
are the placement of the supporting external components
associated with the switching regulator. Efficiency, stability,
and load transient response can deteriorate without good
layout practices around critical components.
For the LTC4267 switching regulator, the current loop
through C1, T1 primary, Q1, and RSENSE must be given
careful layout attention. (Refer to Figure 11.) Because of
the high switching current circulating in this loop, these
components should be placed in close proximity to each
other. In addition, wide copper traces or copper planes
should be used between these components. If vias are
necessary to complete the connectivity of this loop,
placing multiple vias lined perpendicular to the flow of
current is essential for minimizing parasitic resistance and
reducing current density. Since the switching frequency
and the power levels are substantial, shielding and high
frequency layout techniques should be employed. A low
current, low impedance alternate connection should be
employed between the PGND pins of the LTC4267 and the
PGND side of RSENSE, away from the high current loop.
This Kelvin sensing will ensure an accurate representation
of the sense voltage is measured by the LTC4267.
The placement of the feedback resistors R1 and R2 as
well as the compensation capacitor CC is very important
in the accuracy of the output voltage, the stability of the
main control loop, and the load transient response. In
an isolated design application, R1, R2, and CC should be
placed as close as possible to the error amplifier’s input
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com