Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3418
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3602
16
3602fb
TYPICAL APPLICATIONS
1.8V, 2.5A Regulator at 1MHz, Burst Mode Operation
Efficinecy vs Load Current
CIN
22μF
VIN
5V to 10V
VOUT
1.8V
2.5A
3602 TA02
D1
L1
1μH
ROSC
105k
RITH
4.32k
R1
105k
R3
845k
CVCC
1μF
CITH
1nF
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
BOOST
SW
SW
SW
PGND
PGND
LTC3602
RPG
200k
R4
137k
R2
210k
COUT
100μF
2
CBST
0.22μF
PGOOD
L1: VISHAY IHLP2525CZER1R0MO1
CIN: TAIYO YUDEN TMK325BJ226MM-T
COUT: TAIYO YUDEN AMK316BJ107ML
CFB
22pF
LOAD CURRENT (A)
0.01
90
95
0.1
1
10
85
80
75
70
100
3602 TA02b
VIN = 5V
VIN = 10V
VIN = 8.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com