Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3418
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3602
20
3602fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0408 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1877
600mA (IOUT), 550kHz, Synchronous Step-Down DC/DC Converter
96% Efficiency, VIN: 2.7V to 10V, VOUT(MIN) = 0.8V,
IQ = 10μA, ISD <1μA, MS8 Package
LTC1879
1.2A (IOUT), 550kHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN) = 0.8V,
IQ = 15μA, ISD <1μA, TTSOP-16 Package
LTC3404
600mA (IOUT), 1.4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 10μA,
ISD <1μA, MS8 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 20μA, ISD <1μA, ThinSOT
TM Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V,
IQ = 20μA, ISD <1μA, ThinSOT Package
LTC3407/LTC3407-2
Dual 600mA/810mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V,
IQ = 40μA, ISD <1μA, MS10E and 3mm × 3mm DFN Packages
LTC3409
600mA, 2.6MHz, Low (VIN) Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 1.6V to 5.5V, IQ = 65μA,
ISD <1μA, 3mm × 3mm DFN Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 60μA, ISD <1μA, MS10 and 3mm × 3mm DFN Packages
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 60μA, ISD <1μA, TSSOP-16E Package
LTC3413
3A (IOUT Sink/Source), 2MHz, Monolithic Synchronous Regulator for
DDR/QDR Memory Termination
90% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = VREF/2,
IQ = 280μA, ISD <1μA, TSSOP-16E Package
LTC3414
4A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 64μA, ISD <1μA, TSSOP-20E Package
LTC3416
4A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 64μA, ISD <1μA, TSSOP-20E Package
LTC3418
8A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 380μA, ISD <1μA, QFN Package
LTC3430
60V, 2.75A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
Converter
90% Efficiency, VIN: 5.5V to 60V, VOUT(MIN) = 1.2V,
IQ = 2.5mA, ISD = 25μA, TSSOP-16E Package
LTC3441
1.2A (IOUT), 1MHz, Synchronous Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.5V,
IQ = 25μA, ISD <1μA, DFN Package
LTC3533
2A, 2MHz, Wide Input Voltage Synchronous Buck-Boost DC/DC
Converter
96% Efficiency, VIN: 1.8V to 5.5V, IQ = 40μA, ISD <1μA,
3mm
× 4mm DFN Package
LTC3548
400mA/800mA Dual Synchronous Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V,
IQ = 40μA, ISD <1μA, MS8E and DFN Packages
LTC3610
12A, 24V, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 4V to 24V, VOUT(MIN) = 0.6V, Fast
Transient Response, IQ = 900μA, ISD <15μA, 9mm × 9mm
QFN Package
LTC3611
10A, 36V, Synchronous Step-Down DC/DC Converter
VIN: 4V to 32V, Fast Transient Response, IQ = 900μA,
ISD <15μA, 9mm × 9mm QFN Package
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com