Electronic Components Datasheet Search
  English  ▼

X  

LT1815 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1815
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1815 Datasheet HTML 8Page - Linear Technology LT1815 Datasheet HTML 9Page - Linear Technology LT1815 Datasheet HTML 10Page - Linear Technology LT1815 Datasheet HTML 11Page - Linear Technology LT1815 Datasheet HTML 12Page - Linear Technology LT1815 Datasheet HTML 13Page - Linear Technology LT1815 Datasheet HTML 14Page - Linear Technology LT1815 Datasheet HTML 15Page - Linear Technology LT1815 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6400-14
14
640014fb
TYPICAL APPLICATIONS
Demo Circuit 987B Schematic (Test Circuit A)
T1
(2)
T3
TCM 4-19
1:4
VERSION
IC
R3
R4
T1
SL1
SL2
SL3
T4
TCM 4-19
1:4
T2
TCM 4-19
-B
LTC6400CUD-14
OPEN
OPEN
MINI-CIRCUITS TCM4-19 (1:4)
6dB
14dB
8dB
640014 TA03
R10
86.6Ω
R8
(1)
R7
(1)
R9
86.6Ω
C3
0.1μF
C4
0.1μF
C1
0.1μF
C2
0.1μF
LTC6400-14
VOCM
V+
V+
V–
V–
V+
VCC
VCC
V–
ENABLE
+IN
+IN
–IN
–IN
–OUT
+OUTF
–OUTF
+OUT
ENABLE
DIS
12
11
10
9
1234
5
6
7
8
16
15
14
13
SL1
(2)
SL2
(2)
J2
–IN
J1
+IN
J5
–OUT
SL3
(2)
J4
+OUT
C22
0.1μF
C21
0.1μF
C18
0.1μF
C13
0.1μF
C17
1000pF
R16
0Ω
TP2
VCC
2.85V TO 3.5V
13
2 JP1
VCC
VCC
VCC
C12
1000pF
C9
1000pF
C10
0.1μF
C15
1μF
VCC
C14
4.7μF
C7
0.1μF
R4
(2)
1
3
2
3
1
2
5
4
4
5
TP5
VOCM
R2
(1)
R1
0Ω
R3
(2)
J6
TEST IN
C19
0.1μF
1
3
2
5
4
C20
0.1μF
R21
(1)
R22
(1)
R20
1k
R19
1.5k
R14
(1)
R13
0Ω
C6
0.1μF
C5
0.1μF
C24
0.1μF
C23
0.1μF
J7
TEST OUT
NOTE: UNLESS OTHERWISE SPECIFIED.
(1) DO NOT STUFF.
(2)
SL = SIGNAL LEVEL
SL LEVELS DO NOT INCLUDE TRANSFORMER LOSS IN T1 AND T2
3
1
2
4
5
TP3
GND
R17
0Ω
R25
0Ω
R18
0Ω
R26
0Ω
R12
0Ω
R11
(1)
R24
(1)
R6
0Ω
R5
(1)
0dB
network analyzer. There are also series resistors at the
output to present the LTC6400 with a 375
Ω differential
load, optimizing distortion performance. Due to the input
and output transformers, the –3dB bandwidth is reduced
from 2.4GHz to approximately 1.8GHz.
Test Circuit B uses a 4-port network analyzer to measure
S-parameters and gain/phase response. This removes the
effects of the wideband baluns and associated circuitry,
for a true picture of the >1GHz S-parameters and AC
characteristics.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com