Electronic Components Datasheet Search
  English  ▼

X  

LT1815 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1815
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 4 Page - Linear Technology

  LT1815 Datasheet HTML 1Page - Linear Technology LT1815 Datasheet HTML 2Page - Linear Technology LT1815 Datasheet HTML 3Page - Linear Technology LT1815 Datasheet HTML 4Page - Linear Technology LT1815 Datasheet HTML 5Page - Linear Technology LT1815 Datasheet HTML 6Page - Linear Technology LT1815 Datasheet HTML 7Page - Linear Technology LT1815 Datasheet HTML 8Page - Linear Technology LT1815 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6400-14
4
640014fb
AC ELECTRICAL CHARACTERISTICS Specifications are at T
A = 25°C. V
+ = 3V, V– = 0V, VOCM = 1.25V,
ENABLE = 0V, No RL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
–3dBBW
–3dB Bandwidth
200mVP-P, OUT (Note 6)
1.2
2.37
GHz
0.1dBBW
Bandwidth for 0.1dB Flatness
200mVP-P, OUT (Note 6)
200
MHz
0.5dBBW
Bandwidth for 0.5dB Flatness
200mVP-P, OUT (Note 6)
377
MHz
1/f
1/f Noise Corner
15
kHz
SR
Slew Rate
Differential (Note 6)
6000
V/μs
tS1%
1% Settling Time
2VP-P, OUT (Note 6)
1.7
ns
tOVDR
Overdrive Recovery Time
1.9VP-P, OUT (Note 6)
17
ns
tON
Turn-On Time
Differential Output Reaches 90% of Steady
State Value
10
ns
tOFF
Turn-Off Time
Differential Output Drops to 10% of
Original Value
12
ns
–3dBBWVOCM
VOCM Pin Small Signal –3dB BW
0.1VP-P at VOCM, Measured Single-Ended
at Output (Note 6)
16
MHz
10MHz Input Signal
HD2,10M/HD3,10M
Second/Third Order Harmonic
Distortion
2VP-P, OUT, RL = 200Ω
–107/–96
dBc
2VP-P, OUT, No RL
–110/–108
dBc
IMD3,10M
Third-Order Intermodulation
(f1 = 9.5MHz f2 = 10.5MHz)
2VP-P, OUT Composite, RL = 200Ω
–99
dBc
2VP-P, OUT Composite, No RL
–110
dBc
OIP3,10M
Third-Order Output Intercept Point
(f1 = 9.5MHz f2 = 10.5MHz)
2VP-P, OUT Composite, No RL (Note 7)
59.1
dBm
P1dB,10M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
17.8
dBm
NF10M
Noise Figure
RL = 375Ω (Note 5)
7.5
dB
eIN,10M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.5
nV/√Hz
eON,10M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
13
nV/√Hz
70MHz Input Signal
HD2,70M/HD3,70M
Second/Third Order Harmonic
Distortion
2VP-P, OUT, RL = 200Ω
–86/–85
dBc
2VP-P, OUT, No RL
–89/–94
dBc
IMD3,70M
Third-Order Intermodulation
(f1 = 69.5MHz f2 = 70.5MHz)
2VP-P, OUT Composite, RL = 200Ω
–91
dBc
2VP-P, OUT Composite, No RL
–97
dBc
OIP3,70M
Third-Order Output Intercept Point
(f1 = 69.5MHz f2 = 70.5MHz)
2VP-P, OUT Composite, No RL (Note 7)
52.4
dBm
P1dB,70M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
18.5
dBm
NF70M
Noise Figure
RL = 375Ω (Note 5)
7.5
dB
eIN,70M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.5
nV/√Hz
eON,70M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
12.5
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com