Electronic Components Datasheet Search
  English  ▼

X  

MPC826XAVV Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC826XAVV
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XAVV Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC826XAVV Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 2.0
42
Freescale Semiconductor
Pinout
PA12/FCC1_UT8_RXD2/FCC1_UT16_RXD10/MSNUM3
AJ212
PA13/FCC1_UT8_RXD3/FCC1_UT16_RXD11/MSNUM2
AH202
PA14/FCC1_UT8_RXD4/FCC1_UT16_RXD12/FCC1_RXD3
AG192
PA15/FCC1_UT8_RXD5/FCC1_UT16_RXD13/FCC1_RXD2
AF182
PA16/FCC1_UT8_RXD6/FCC1_UT16_RXD14/FCC1_RXD1
AF172
PA17/FCC1_UT8_RXD7/FCC1_UT16_RXD15/FCC1_RXD0/FCC1_RXD
AE162
PA18/FCC1_UT8_TXD7/FCC1_UT16_TXD15/FCC1_TXD0/FCC1_TXD
AJ162
PA19/FCC1_UT8_TXD6/FCC1_UT16_TXD14/FCC1_TXD1
AG152
PA20/FCC1_UT8_TXD5/FCC1_UT16_TXD13/FCC1_TXD2
AJ132
PA21/FCC1_UT8_TXD4/FCC1_UT16_TXD12/FCC1_TXD3
AE132
PA22/FCC1_UT8_TXD3/FCC1_UT16_TXD11
AF122
PA23/FCC1_UT8_TXD2/FCC1_UT16_TXD10
AG112
PA24/FCC1_UT8_TXD1/FCC1_UT16_TXD9/MSNUM1
AH92
PA25/FCC1_UT8_TXD0/FCC1_UT16_TXD8/MSNUM0
AJ82
PA26/FCC1_UTM_RXCLAV/FCC1_UTS_RXCLAV/FCC1_MII_RX_ER
AH72
PA27/FCC1_UT_RXSOC/FCC1_MII_RX_DV
AF72
PA28/FCC1_UTM_RXENB/FCC1_UTS_RXENB/FCC1_MII_TX_EN
AD52
PA29/FCC1_UT_TXSOC/FCC1_MII_TX_ER
AF12
PA30/FCC1_UTM_TXCLAV/FCC1_UTS_TXCLAV/FCC1_MII_CRS/
FCC1_RTS
AD32
PA31/FCC1_UTM_TXENB/FCC1_UTS_TXENB/FCC1_MII_COL
AB52
PB4/FCC3_TXD3/FCC2_UT8_RXD0/L1RSYNCA2/FCC3_RTS
AD282
PB5/FCC3_TXD2/FCC2_UT8_RXD1/L1TSYNCA2/L1GNTA2
AD262
PB6/FCC3_TXD1/FCC2_UT8_RXD2/L1RXDA2/L1RXD0A2
AD252
PB7/FCC3_TXD0/FCC3_TXD/FCC2_UT8_RXD3/L1TXDA2/L1TXD0A2
AE262
PB8/FCC2_UT8_TXD3/FCC3_RXD0/FCC3_RXD/TXD3/L1RSYNCD1
AH272
PB9/FCC2_UT8_TXD2/FCC3_RXD1/L1TXD2A2/L1TSYNCD1/L1GNTD1
AG242
PB10/FCC2_UT8_TXD1/FCC3_RXD2/L1RXDD1
AH242
PB11/FCC3_RXD3/FCC2_UT8_TXD0/L1TXDD1
AJ242
PB12/FCC3_MII_CRS/L1CLKOB1/L1RSYNCC1/TXD2
AG222
PB13/FCC3_MII_COL/L1RQB1/L1TSYNCC1/L1GNTC1/L1TXD1A2
AH212
PB14/FCC3_MII_TX_EN/RXD3/L1RXDC1
AG202
PB15/FCC3_MII_TX_ER/RXD2/L1TXDC1
AF192
PB16/FCC3_MII_RX_ER/L1CLKOA1/CLK18
AJ182
PB17/FCC3_MII_RX_DV/L1RQA1/CLK17
AJ172
Table 21. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50