Electronic Components Datasheet Search
  English  ▼

X  

MPC826XAVV Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC826XAVV
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XAVV Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC826XAVV Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 2.0
Freescale Semiconductor
45
Pinout
PD21/TXD4/FCC1_UT16_RXD3/L1RXD0A2/L1RXDA2
AH132
PD22/RXD4/FCC1_UT16_TXD5/L1TXD0A2/L1TXDA2
AJ122
PD23/RTS3/TENA3/FCC1_UT16_RXD4/L1RSYNCD1
AE122
PD24/TXD3/FCC1_UT16_RXD5/L1RXDD1
AF102
PD25/RXD3/FCC1_UT16_TXD6/L1TXDD1
AG92
PD26/RTS2/TENA2/FCC1_UT16_RXD6/L1RSYNCC1
AH82
PD27/TXD2/FCC1_UT16_RXD7/L1RXDC1
AG72
PD28/RXD2/FCC1_UT16_TXD7/L1TXDC1
AE42
PD29/RTS1/TENA1/FCC1_UTM_RXADDR3/FCC1_UTS_RXADDR3/
FCC1_UTM_RXCLAV2/FCC2_UTM_RXADDR4
AG12
PD30/FCC2_UTM_TXENB/FCC2_UTS_TXENB/TXD1
AD42
PD31/RXD1
AD22
VCCSYN
AB3
VCCSYN1
B9
GNDSYN
AB1
CLKIN21,3
AE11
SPARE44
U5
PCI_MODE1,5
AF25
SPARE64
V4
THERMAL06
AA1
THERMAL16
AG4
I/O power
AG21, AG14, AG8, AJ1, AJ2, AH1, AH2,
AG3, AF4, AE5, AC27, Y27, T27, P27,
K26, G27, AE25, AF26, AG27, AH28,
AH29, AJ28, AJ29, C7, C14, C16, C20,
C23, E10, A28, A29, B28, B29, C27,
D26, E25, H3, M4, T3, AA4, A1, A2, B1,
B2, C3, D4, E5
Core Power
U28, U29, K28, K29, A9, A19, B19, M1,
M2, Y1, Y2, AC1, AC2, AH19, AJ19,
AH10, AJ10, AJ5
Ground
AA5, AF21, AF14, AF8, AE7, AF11,
AE17, AE23, AC26, AB25, Y26, V25,
T26, R25, P26, M25, K27, H25, G26,
D7, D10, D14, D16, D20, D23, C9, E11,
E13, E15, E19, E22, B3, G5, H4, K5,
M3, P5, T4, Y5, AA2, AC3
1 MPC8265 and MPC8266 only.
2 The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
Table 21. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com