Electronic Components Datasheet Search
  English  ▼

X  

MPC8360CVVALDGA Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8360CVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360CVVALDGA Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8360CVVALDGA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
70
Freescale Semiconductor
Pinout Listings
PMC
QUIESCE
B36
O
OVDD
—
System Control
PORESET
L37
I
OVDD
—
HRESET
L36
I/O
OVDD
1
SRESET
M33
I/O
OVDD
2
Thermal Management
THERM0
AP19
I
GVDD
—
THERM1
AT31
I
GVDD
—
Power and Ground Signals
AVDD1
K35
Power for
LBIU DLL
(1.2 V)
AVDD1—
AVDD2
K36
Power for
CE PLL
(1.2 V)
AVDD2—
AVDD5
AM29
Power for
e300 PLL
(1.2 V)
AVDD5—
AVDD6
K37
Power for
system
PLL (1.2 V)
AVDD6—
GND
A2, A8, A13, A19, A22, A25, A31, A33, A36, B7,
B12, B24, B27, B30, C4, C6, C9, C15, C26, C32,
D3, D8, D11, D14, D17, D19, D23, D27, E7, E13,
E25, E30, E36, F4, F37, G34, H1, H5, H32, H33, J4,
J32, J37, K1, L3, L5, L33, L34, M1, M34, M35, N37,
P2, P5, P35, P36, R4, T3, U1, U5, U35, V37, W1,
W4, W33, W36, Y34, AA3, AA5, AC3, AC32, AC35,
AD1, AD37, AE4, AE34, AE36, AF33, AG4, AG6,
AG32, AH35, AJ1, AJ4, AJ32, AJ35, AJ37, AK36,
AL3, AL34, AM4, AN6, AN23, AN30, AP8, AP12,
AP14, AP16, AP17, AP20, AP25, AR6, AR8, AR9,
AR19, AR24, AR31, AR35, AR37, AT4, AT10, AT19,
AT20, AT25, AU14, AU22, AU28, AU35
——
—
GVDD
AD4, AE3, AF1, AF5, AF35, AF37, AG2, AG36,
AH33, AH34, AK5, AM1, AM35, AM37, AN2, AN10,
AN11, AN12, AN14, AN32, AN36, AP5, AP23,
AP28, AR1, AR7, AR10, AR12, AR21, AR25, AR27,
AR33, AT15, AT22, AT28, AT33, AU2, AU5, AU16,
AU31, AU36
Power for
DDR
DRAM I/O
voltage
(2.5 or
1.8 V)
GVDD
—
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com