Electronic Components Datasheet Search
  English  ▼

X  

MPC8360CVVALDGA Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8360CVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360CVVALDGA Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8360CVVALDGA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8360CVVALDGA Datasheet HTML 102Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
100
Freescale Semiconductor
Part Numbers Fully Addressed by this Document
25
Document Revision History
This table provides a revision history for this document.
MPC8358E
TBGA
0x804A_0020
0x804A_0021
MPC8358
TBGA
0x804B_0020
0x804B_0021
Table 82. Revision History
Rev.
Number
Date
Substantive Change(s)
5
09/2011
• Section 2.2.1, “Power-Up Sequencing”, added the current limitation “3A to 5A” for the excessive current.
• Section 2.1.2, “Power Supply Voltage Specification, Updated the Characteristic for TBGA (MPC8358 &
MPC8360 Device) with specific frequency for Core and PLL voltages.
• Added table footnote 3 to Table 2.
• Applied table footnotes 1 and 2 to Table 10.
• Removed table footnotes from Table 19.
• Applied table footnote 8 to the last row of Table 40.
• Applied table footnotes 8 and 9 to Table 41.
• Applied table footnotes 2and 3 to Table 45.
• Removed table footnotes from Table 46.
• Applied table footnote to last three rows of Table 65.
4
01/2011
• Updated references to the LCRR register throughout
• Removed references to DDR DLL mode in Section 6.2.2, “DDR and DDR2 SDRAM Output AC Timing
Specifications.”
• Changed “Junction-to-Case” to “Junction-to-Ambient” in Section 22.2.4, “Heat Sinks and
Junction-to-Ambient Thermal Resistance,” and Table 78, “Heat Sinks and Junction-to-Ambient Thermal
Resistance of TBGA Package,” titles.
Table 81. SVR Settings (continued)
Device
Package
SVR
(Rev. 2.0)
SVR
(Rev. 2.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com