Electronic Components Datasheet Search
  English  ▼

X  

AD8381-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD8381-EB
Description  Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381-EB Datasheet(HTML) 1 Page - Analog Devices

  AD8381-EB Datasheet HTML 1Page - Analog Devices AD8381-EB Datasheet HTML 2Page - Analog Devices AD8381-EB Datasheet HTML 3Page - Analog Devices AD8381-EB Datasheet HTML 4Page - Analog Devices AD8381-EB Datasheet HTML 5Page - Analog Devices AD8381-EB Datasheet HTML 6Page - Analog Devices AD8381-EB Datasheet HTML 7Page - Analog Devices AD8381-EB Datasheet HTML 8Page - Analog Devices AD8381-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
a
AD8381
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Fast, High Voltage Drive, 6-Channel Output
DecDriver® Decimating LCD Panel Driver
FUNCTIONAL BLOCK DIAGRAM
DB (0:9)
VID0
VID1
VID2
VID3
VID4
2-STAGE
LATCH
XFR
VID5
DAC
10
10
10
10
10
10
10
10
10
10
10
10
DAC
2-STAGE
LATCH
2-STAGE
LATCH
2-STAGE
LATCH
2-STAGE
LATCH
2-STAGE
LATCH
DAC
10
SEQUENCE
CONTROL
DAC
DAC
DAC
BIAS
SCALING
CONTROL
VREFHI
VREFLO
INV
VMID
STBY
BYP
CLK
STSQ
E/O
R/L
AD8381
FEATURES
High Voltage Drive:
Rated Settling Time to within 1.3 V of Supply Rails
Output Overload Protection
High Update Rates:
Fast, 100 Ms/s 10-Bit Input Word Rate
Low Power Dissipation: 570 mW
Includes STBY Function
Voltage Controlled Video Reference (Brightness) and
Full-Scale (Contrast) Output Levels
3.3 V or 5 V Logic and 9 V to 18 V Analog Supplies
High Accuracy:
Laser Trimming Eliminates External Calibration
Flexible Logic:
INV Reverses Polarity of Video Signal
STSQ/XFR for Parallel AD8381 Operation in
12-Channel Systems
Drives Capacitive Loads:
27 ns Settling Time to 1% into 150 pF Load
Slew Rate 265 V/ s with 150 pF Load
Available in 48-Lead LQFP
APPLICATIONS
LCD Analog Column Driver
PRODUCT DESCRIPTION
The AD8381 provides a fast, 10-bit latched decimating digital
input, which drives six high voltage outputs. Ten-bit input
words are sequentially loaded into six separate high speed, bipolar
DACs. Flexible digital input format allows several AD8381s to be
used in parallel for higher resolution displays. STSQ synchronizes
sequential input loading, XFR controls synchronous output
updating and R/L controls the direction of loading as either
left-to-right or right-to-left. Six channels of high voltage
output drivers drive to within 1.3 V of the rail in rated settling
time. The output signal can be adjusted for brightness, signal
inversion, and contrast for maximum flexibility.
The AD8381 is fabricated on ADI’s proprietary, fast bipolar
24 V process, providing fast input logic, bipolar DACs with
trimmed accuracy and fast settling, high voltage precision drive
amplifiers on the same chip.
The AD8381 dissipates 570 mW nominal static power. The
STBY pin reduces power to a minimum, with fast recovery.
The AD8381 is offered in a 48-lead 7 mm
¥ 7 mm ¥ 1.4 mm
LQFP package and operates over the commercial temperature
range of 0
∞C to 85∞C.


Similar Part No. - AD8381-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8381 AD-AD8381 Datasheet
528Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV.0
AD8381 AD-AD8381 Datasheet
358Kb / 16P
Fast, High Voltage Drive, 6-Channel Output
REV. B
AD8381AST AD-AD8381AST Datasheet
528Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV.0
AD8381AST-REEL AD-AD8381AST-REEL Datasheet
528Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV.0
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
Fast, High Voltage Drive, 6-Channel Output
REV. B
More results

Similar Description - AD8381-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8381 AD-AD8381 Datasheet
528Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV.0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
10/05-Revision 0
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output
REV. B
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
Fast, High Voltage Drive, 6-Channel Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com