| Electronic Components Datasheet Search |
|
AD8381-EB Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8381-EB Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() REV. B AD8381 –14– LAYOUT CONSIDERATIONS The AD8381 is a mixed-signal, high speed, very accurate device. In order to realize its specifications, it is essential to use a properly designed printed circuit board. Layout and Grounding The analog outputs and the digital inputs of the AD8381 are pinned out on opposite sides of the package. When laying out the circuit board, keep these sections separate from each other to minimize crosstalk and noise and the coupling of the digital input signals into the analog outputs. All signal trace lengths should be made as short and direct as possible to prevent signal degradation due to parasitic effects. Note that digital signals should not cross or be routed near analog signals. It is imperative to provide a solid analog ground plane under and around the AD8381. All of the ground pins of the part should be connected directly to the ground plane with no extra signal path length. For conventional operation this includes the pins DGND, AGNDDAC, AGNDBIAS, AGND0, AGND1,2, AGND3,4, and AGND5. The return traces for any of the signals should be routed close to the ground pin for that section to prevent stray signals from coupling into other ground pins. Power Supply Bypassing All power supply and reference pins of the AD8381 must be properly bypassed to the analog ground plane for optimum performance. All analog supply pins may be connected directly to an analog supply plane located as close to the part as possible. A 0.1 mF chip capacitor should be placed as close to each analog supply pin as possible and connected directly between each analog supply pin and the analog ground plane. A minimum of 47 mF tantalum capacitor should be placed near the analog supply plane and connected directly between the supply and analog ground planes. A minimum of 10 mF tantalum capacitor should be placed near the digital supply pin and connected directly to the analog ground plane. A 0.1 mF chip capacitor should be connected between the digital supply pin and the analog ground. VREFHI, VMID, VREFLO Reference Distribution To ensure well-matched video outputs, all AD8381s must oper- ate from equal reference voltages. Each reference voltage should be distributed to each AD8381 directly from the source of the reference voltage with approxi- mately equal trace lengths. A 0.1 mF chip capacitor should be placed as close to each refer- ence input pin as possible and directly connected between the reference input pin and the analog ground plane. DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 VID0 VID1 AVCC0 ,1 VID2 AGND1,2 VID3 AVCC2 ,3 VID4 AGND3,4 VID5 AVCC4 ,5 AGND5 12 11 10 9 8 7 6 5 4 3 2 1 26 28 30 32 34 36 TO ANALOG GROUND PLANE TO ANALOG SUPPLY PLANE Figure 11. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |