Electronic Components Datasheet Search
  English  ▼

X  

AD8639WARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8639WARZ
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639WARZ Datasheet(HTML) 4 Page - Analog Devices

  AD8639WARZ Datasheet HTML 1Page - Analog Devices AD8639WARZ Datasheet HTML 2Page - Analog Devices AD8639WARZ Datasheet HTML 3Page - Analog Devices AD8639WARZ Datasheet HTML 4Page - Analog Devices AD8639WARZ Datasheet HTML 5Page - Analog Devices AD8639WARZ Datasheet HTML 6Page - Analog Devices AD8639WARZ Datasheet HTML 7Page - Analog Devices AD8639WARZ Datasheet HTML 8Page - Analog Devices AD8639WARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8638/AD8639
Rev. F | Page 4 of 20
ELECTRICAL CHARACTERISTICS—16 V OPERATION
VSY = 16 V, VCM = VSY/2, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
3
9
μV
−40°C ≤ TA ≤ +125°C
23
μV
−0.1 V ≤ VCM ≤ +14 V
3
9
μV
−40°C ≤ TA ≤ +125°C
23
μV
Input Bias Current
IB
1
75
pA
−40°C ≤ TA ≤ +85°C
4
75
pA
−40°C ≤ TA ≤ +125°C
85
250
pA
Input Offset Current
IOS
20
70
pA
−40°C ≤ TA ≤ +85°C
20
75
pA
−40°C ≤ TA ≤ +125°C
50
150
pA
Input Voltage Range
−40°C ≤ TA ≤ +125°C
−0.1
+14
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 14 V
127
142
dB
−40°C ≤ TA ≤ +125°C
127
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 V to 15.5 V
130
147
dB
−40°C ≤ TA ≤ +125°C
130
dB
Offset Voltage Drift for All Packages
Except SOT-23
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
0.03
0.06
μV/°C
Offset Voltage Drift for SOT-23
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
0.04
0.15
μV/°C
Input Resistance
RIN
22.5
TΩ
Input Capacitance, Differential Mode
CINDM
4
pF
Input Capacitance, Common Mode
CINCM
1.7
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
15.94
15.96
V
−40°C ≤ TA ≤ +125°C
15.93
V
RL = 2 kΩ to VCM
15.77
15.82
V
−40°C ≤ TA ≤ +125°C
15.70
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
30
40
mV
−40°C ≤ TA ≤ +125°C
60
mV
RL = 2 kΩ to VCM
120
140
mV
−40°C ≤ TA ≤ +125°C
200
mV
Short-Circuit Current
ISC
TA = 25°C
±37
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
3.0
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 4.5 V to 16 V
127
143
dB
−40°C ≤ TA ≤ +125°C
125
dB
Supply Current per Amplifier
ISY
IO = 0 mA
1.25
1.5
mA
−40°C ≤ TA ≤ +125°C
1.7
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 20 pF, AV = 1
2
V/μs
Settling Time to 0.1%
tS
VIN = 4 V step, CL = 20 pF, RL = 1 kΩ, AV = 1
4
μs
Overload Recovery Time
50
μs
Gain Bandwidth Product
GBP
RL = 2 kΩ, CL = 20 pF, AV = 1
1.5
MHz
Phase Margin
ΦM
RL = 2 kΩ, CL = 20 pF, AV = 1
74
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.2
μV p-p
Voltage Noise Density
en
f = 1 kHz
60
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com