Electronic Components Datasheet Search
  English  ▼

X  

AD8639WARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8639WARZ
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639WARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8639WARZ Datasheet HTML 1Page - Analog Devices AD8639WARZ Datasheet HTML 2Page - Analog Devices AD8639WARZ Datasheet HTML 3Page - Analog Devices AD8639WARZ Datasheet HTML 4Page - Analog Devices AD8639WARZ Datasheet HTML 5Page - Analog Devices AD8639WARZ Datasheet HTML 6Page - Analog Devices AD8639WARZ Datasheet HTML 7Page - Analog Devices AD8639WARZ Datasheet HTML 8Page - Analog Devices AD8639WARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16 V Auto-Zero, Rail-to-Rail Output
Operational Amplifiers
AD8638/AD8639
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 9 μV maximum
Offset drift: 0.04 μV/°C maximum
Rail-to-rail output swing
5 V to 16 V single-supply or ±2.5 V to ±8 V dual-supply
operation
High gain: 136 dB typical
High CMRR: 133 dB typical
High PSRR: 143 dB typical
Very low input bias current: 40 pA maximum
Low supply current: 1.3 mA maximum
AD8639: qualified for automotive applications
APPLICATIONS
Pressure and position sensors
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
Automotive sensors
Precision references
Precision current sensing
GENERAL DESCRIPTION
The AD8638/AD8639 are single and dual wide bandwidth,
auto-zero amplifiers featuring rail-to-rail output swing and low
noise. These amplifiers have very low offset, drift, and bias
current. Operation is fully specified from 5 V to 16 V single
supply (±2.5 V to ±8 V dual supply).
The AD8638/AD8639 provide benefits previously found only
in expensive zero-drift or chopper-stabilized amplifiers. Using
the Analog Devices, Inc., topology, these auto-zero amplifiers
combine low cost with high accuracy and low noise. No exter-
nal capacitors are required. In addition, the AD8638/AD8639
greatly reduce the digital switching noise found in most chopper-
stabilized amplifiers.
With a typical offset voltage of only 3 μV, drift of 0.01 μV/°C,
and noise of 1.2 μV p-p (0.1 Hz to 10 Hz), the AD8638/AD8639
are suited for applications in which error sources cannot be
tolerated. Position and pressure sensors, medical equipment,
and strain gage amplifiers benefit greatly from nearly zero drift
over their operating temperature ranges. Many systems can take
advantage of the rail-to-rail output swing provided by the
AD8638/AD8639 to maximize signal-to-noise ratio (SNR).
PIN CONFIGURATIONS
OUT
1
V–
2
+IN
3
V+
5
–IN
4
AD8638
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23 (RJ-5)
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8638
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N (R-8)
OUT A 1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8639
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead MSOP (RM-8)
8-Lead SOIC_N (R-8)
PIN 1
INDICATOR
NOTES
1. PIN 4 AND THE EXPOSED PAD
MUST BE CONNECTED TO V–.
AD8639
1
OUT A
2
–IN A
3
+IN A
4
v–
7OUT B
8V+
6 –IN B
5 +IN B
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead LFCSP_WD (CP-8-5)
The AD8638/AD8639 are specified for the extended industrial
temperature range (−40°C to +125°C). The single AD8638 is
available in tiny 5-lead SOT-23 and 8-lead SOIC packages.
The dual AD8639 is available in 8-lead MSOP, 8-lead SOIC, and
8-lead LFCSP packages. See the Ordering Guide for automotive
grades.
The AD8638/AD8639 are members of a growing series of auto-
zero op amps offered by Analog Devices (see Table 1).
Table 1. Auto-Zero Op Amps
Supply
2.7 V to 5 V
2.7 V to 5 V Low Power
5 V to 16 V
Single
AD8628
AD8538
AD8638
Dual
AD8629
AD8539
AD8639
Quad
AD8630


Similar Part No. - AD8639WARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8639WARZ AD-AD8639WARZ Datasheet
628Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8639WARZ-R7 AD-AD8639WARZ-R7 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8639WARZ-R7 AD-AD8639WARZ-R7 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
More results

Similar Description - AD8639WARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8638 AD-AD8638 Datasheet
92Kb / 4P
16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Texas Instruments
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com