Electronic Components Datasheet Search
  English  ▼

X  

AD9859 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9859
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9859 Datasheet HTML 5Page - Analog Devices AD9859 Datasheet HTML 6Page - Analog Devices AD9859 Datasheet HTML 7Page - Analog Devices AD9859 Datasheet HTML 8Page - Analog Devices AD9859 Datasheet HTML 9Page - Analog Devices AD9859 Datasheet HTML 10Page - Analog Devices AD9859 Datasheet HTML 11Page - Analog Devices AD9859 Datasheet HTML 12Page - Analog Devices AD9859 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9859
Rev. A | Page 9 of 24
20dB
dB
CENTER 1.16MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200kHz/
SPAN 2MHz
REF LVL
–4dBm
1kHz
1kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–81.87dB
96.19238477kHz
1
1
Figure 10. FOUT = 1.1 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
20dB
dB
CENTER 10MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200kHz/
SPAN 2MHz
REF LVL
–4dBm
1kHz
1kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–89.33dB
–801.60320641kHz
1
1
Figure 11. FOUT = 10 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
20dB
dB
CENTER 39.58MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200kHz/
SPAN 2MHz
REF LVL
–4dBm
1kHz
1kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–84.92dB
997.99599198kHz
1
1
Figure 12. FOUT = 39.9 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
20dB
dB
CENTER 79.76MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200kHz/
SPAN 2MHz
REF LVL
–4dBm
1kHz
1kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–81.71dB
–601.20240481kHz
1
1
Figure 13. FOUT = 80.3 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
20dB
dB
CENTER 119.42MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200kHz/
SPAN 2MHz
REF LVL
–8dBm
1kHz
1kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–80.37dB
–1.00200401MHz
1
1
Figure 14. FOUT = 120.2 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
20dB
dB
CENTER 159.08MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200kHz/
SPAN 2MHz
REF LVL
–8dBm
1kHz
1kHz
5s
RBW
VBW
SWT
RF ATT
UNIT
DELTA [T1]
–83.64dB
144.28857715kHz
1
1
Figure 15. FOUT = 160 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com