Electronic Components Datasheet Search
  English  ▼

X  

AD9859 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9859
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9859 Datasheet HTML 9Page - Analog Devices AD9859 Datasheet HTML 10Page - Analog Devices AD9859 Datasheet HTML 11Page - Analog Devices AD9859 Datasheet HTML 12Page - Analog Devices AD9859 Datasheet HTML 13Page - Analog Devices AD9859 Datasheet HTML 14Page - Analog Devices AD9859 Datasheet HTML 15Page - Analog Devices AD9859 Datasheet HTML 16Page - Analog Devices AD9859 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9859
Rev. A | Page 13 of 24
Table 5. Register Map
Register
Name
(Serial
Address)
Bit
Range
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
Control
Function
Register
No.1
(CFR1)
(0x00)
<7:0>
Digital
Power-
Down
Not Used
DAC
Power-
Down
Clock Input
Power-
Down
External
Power-
Down
Mode
Not Used
SYNC_CLK
Out
Disable
Not
Used
0x00
<15:8>
Not Used
Not Used
AutoClr
Phase
Accum
Enable SINE
Output
Not Used
Clear
Phase
Accum.
SDIO
Input
Only
LSB First
0x00
<23:16>
Automatic
Sync
Enable
Software
Manual
Sync
Not Used
0x00
<31:24>
Not Used
Load ARR
@ I/O UD
OSK
Enable
Auto
OSK
Keying
0x00
Control
Function
Register No.
2 (CFR2)
(0x01)
<7:0>
REFCLK Multiplier
0x00 or 0x01, or 0x02 or 0x03: Bypass Multiplier
0x04 to 0x14: 4× to 20× Multiplication
VCO
Range
Charge Pump Current
<1:0>
0x00
<15:8>
Not Used
High
Speed
Sync
Enable
Hardware
Manual
Sync
Enable
CRYSTAL
OUT Pin
Active
Not
Used
0x00
<23:16>
Not Used
0x18
Amplitude
Scale Factor
(ASF)
(0x02)
<7:0>
Amplitude Scale Factor Register <7:0>
0x00
<15:8>
Auto Ramp Rate Speed
Control <1:0>
Amplitude Scale Factor Register <13:8>
0x00
Amplitude
Ramp Rate
(ARR)
(0x03)
<7:0>
Amplitude Ramp Rate Register <7:0>
0x00
Frequency
Tuning
Word
(FTW0)
(0x04)
<7:0>
Frequency Tuning Word No. 0 <7:0>
0x00
<15:8>
Frequency Tuning Word No. 0 <15:8>
0x00
<23:16>
Frequency Tuning Word No. 0 <23:16>
0x00
<31:24>
Frequency Tuning Word No. 0 <31:24>
0x00
Phase
Offset Word
(POW0)
(0x05)
<7:0>
Phase Offset Word No. 0 <7:0>
0x00
<15:8>
Not Used<1:0>
Phase Offset Word No. 0 <13:8>
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com