Electronic Components Datasheet Search
  English  ▼

X  

AD9863-50EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9863-50EB
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9863-50EB Datasheet HTML 15Page - Analog Devices AD9863-50EB Datasheet HTML 16Page - Analog Devices AD9863-50EB Datasheet HTML 17Page - Analog Devices AD9863-50EB Datasheet HTML 18Page - Analog Devices AD9863-50EB Datasheet HTML 19Page - Analog Devices AD9863-50EB Datasheet HTML 20Page - Analog Devices AD9863-50EB Datasheet HTML 21Page - Analog Devices AD9863-50EB Datasheet HTML 22Page - Analog Devices AD9863-50EB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD9863
Rev. A | Page 19 of 40
Rx Path Application Section
Adding series resistance between the output of the signal source
and the VIN pins reduces the drive requirements placed on the
signal source. Figure 47 shows this configuration.
RSERIES
RSERIES
VIN+
CSHUNT
AD9863
VIN–
Figure 47. Typical Input
The bandwidth of the particular application limits the size of
this resistor. For applications with signal bandwidths less than
10 MHz, the user may insert series input resistors and a shunt
capacitor to produce a low-pass filter for the input signal. In
addition, adding a shunt capacitance between the VIN pins
can lower the ac load impedance. The value of this capaci
tance depends on the source resistance and the required
signal bandwidth.
The Rx input pins are self-biased to provide this midsupply,
common-mode bias voltage, so it is recommended to ac couple
the signal to the inputs using dc blocking capacitors. In systems
that must use dc coupling, use an op amp to comply with the
input requirements of the AD9863. The inputs accept a signal
with a 2 V p-p differential input swing centered about one-half
of the supply voltage (AVDD/2). If the dc bias is supplied exter-
nally, the internal input bias circuit should be powered down by
writing to registers Rx_A dc bias [Register 0x03, Bit 6] and
Rx_B dc bias [Register 0x04, Bit 7].
The ADCs in the AD9863 are designed to sample differential
input signals. The differential input provides improved noise
immunity and better THD and SFDR performance for the Rx
path. In systems that use single-ended signals, these inputs can
be digitized, but it is recommended that a single-ended-to-
differential conversion be performed. A single-ended-to-
differential conversion can be performed by using a transformer
coupling circuit (typically for signals above 10 MHz) or by
using an operational amplifier, such as the AD8138 (typically
for signals below 10 MHz).
ADC Voltage References
The AD9863 12-bit ADCs use internal references that are
designed to provide for a 2 V p-p differential input range. The
internal band gap reference generates a stable 1 V reference
level and is decoupled through the VREF pin. REFT and REFB
are the differential references generated based on the voltage
level of VREF. Figure 48 shows the proper decoupling of the
reference pins VREF, REFT, and REFB when using the internal
reference. Decoupling capacitors should be placed as close to
the reference pins as possible.
External references REFT and REFB are centered at AVDD/2
with a differential voltage equal to the voltage at VREF (by
default 1 V when using the internal reference), allowing a peak-
to-peak differential voltage swing of 2× VREF. For example, the
default 1 V VREF reference accepts a 2 V p-p differential input
swing, and the offset voltage should be
REFT = AVDD/2 + 0.5 V
REFB = AVDD/2 − 0.5 V
0.1
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
VREF
AD9863
0.5V
TO ADCs
REFT
REFB
10
µF
Figure 48. Typical Rx Path Decoupling
An external reference may be used for systems that require a
different input voltage range, high accuracy gain matching
between multiple devices, or improvements in temperature drift
and noise characteristics. When an external reference is desired,
the internal Rx band gap reference must be powered down
using the VREF register [Register 0x05, Bit 4], with the external
reference driving the voltage level on the VREF pin. The exter-
nal voltage level should be one-half of the desired peak-to-peak
differential voltage swing. The result is that the differential
voltage references are driven to new voltages:
REFT = AVDD/2 +VREF/2 V
REFB = AVDD/2 − VREF/2 V
If an external reference is used, it is recommended not to exceed
a differential offset voltage greater than 1 V for the reference.
Clock Input and Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensi-
tive to clock duty cycle. Commonly, a 5% tolerance is required
on the clock duty cycle to maintain dynamic performance
characteristics. The AD9863 contains clock duty cycle stabilizer
circuitry (DCS). The DCS retimes the internal ADC clock
(nonsampling edge) and provides the ADC with a nominal 50%
duty cycle. Input clock rates of over 40 MHz can use the DCS so
that a wide range of input clock duty cycles can be
accommodated. Conversely, DCS should not be used for Rx
sampling below 40 MSPS. Maintaining a 50% duty cycle clock is
particularly important in high speed applications when proper
sample-and-hold times for the converter are required to
maintain high performance. The DCS can be enabled by
writing highs to the Rx_A/Rx_B CLK duty register bits
[Register 0x06/Register 0x07, Bit 4].
The duty cycle stabilizer uses a delay-locked loop to create the
nonsampling edge. As a result, any changes to the sampling
frequency require approximately 2 µs to 3 µs to allow the DLL
to adjust to the new rate and settle. High speed, high resolution
ADCs are sensitive to the quality of the clock input. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com