Electronic Components Datasheet Search
  English  ▼

X  

AD9863-50EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9863-50EB
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EB Datasheet(HTML) 3 Page - Analog Devices

  AD9863-50EB Datasheet HTML 1Page - Analog Devices AD9863-50EB Datasheet HTML 2Page - Analog Devices AD9863-50EB Datasheet HTML 3Page - Analog Devices AD9863-50EB Datasheet HTML 4Page - Analog Devices AD9863-50EB Datasheet HTML 5Page - Analog Devices AD9863-50EB Datasheet HTML 6Page - Analog Devices AD9863-50EB Datasheet HTML 7Page - Analog Devices AD9863-50EB Datasheet HTML 8Page - Analog Devices AD9863-50EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9863
Rev. A | Page 3 of 40
Tx PATH SPECIFICATIONS
FDAC = 200 MSPS; 4× interpolation; RSET = 4.02 kΩ; differential load resistance of 100 Ω
1; TxPGA = 20 dB; AVDD = DVDD = 3.3 V,
unless otherwise noted.
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Tx PATH GENERAL
Resolution
Full
IV
12
Bits
Maximum DAC Update Rate
Full
IV
200
MHz
Maximum Full-Scale Output Current
Full
IV
20
mA
Full-Scale Error
Full
V
1%
Gain Mismatch Error
25°C
IV
−3.5
+3.5
% FS
Offset Mismatch Error
Full
IV
−0.1
+0.1
% FS
Reference Voltage
Full
V
1.23
V
Output Capacitance
Full
V
5
pF
Phase Noise (1 kHz Offset, 6 MHz Tone)
25°C
V
−115
dBc/Hz
Output Voltage Compliance Range
Full
IV
−1.0
+1.0
V
TxPGA Gain Range
Full
V
20
dB
TxPGA Step Size
Full
V
0.10
dB
Tx PATH DYNAMIC PERFORMANCE
(IOUTFS = 20 mA; FOUT = 1 MHz)
SNR
Full
IV
70.8
71.6
dB
SINAD
Full
IV
64.3
71
dB
THD
Full
IV
−79
−66.3
dBc
SFDR, Wide Band (DC to Nyquist)
Full
IV
68.5
77
dBc
SFDR, Narrow Band (1 MHz Window)
Full
IV
72.8
81
dBc
1 See Figure 2 for description of the TxDAC termination scheme.
TxDAC
50
Ω
50
Ω
Figure 2. Diagram Showing Termination of 100 Ω Differential
Load for Some TxDAC Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com