Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4153
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 4 Page - Analog Devices

  ADF4153 Datasheet HTML 1Page - Analog Devices ADF4153 Datasheet HTML 2Page - Analog Devices ADF4153 Datasheet HTML 3Page - Analog Devices ADF4153 Datasheet HTML 4Page - Analog Devices ADF4153 Datasheet HTML 5Page - Analog Devices ADF4153 Datasheet HTML 6Page - Analog Devices ADF4153 Datasheet HTML 7Page - Analog Devices ADF4153 Datasheet HTML 8Page - Analog Devices ADF4153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4153
Data Sheet
Rev. F | Page 4 of 24
SPECIFICATIONS
AVDD = DVDD = SDVDD = 2.7 V to 3.3 V; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted;
dBm referred to 50 Ω.
Table 1.
Parameter
B Version1
Y Version2
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
See Figure 12 for input circuit
RF Input Frequency (RFIN)
0.5/4.0
0.5/4.0
GHz min/max
B Version: −8 dBm minimum/0 dBm maximum
0.5/4.0
0.5/4.0
GHz min/max
Y Version: −6.5 dBm minimum/0 dBm maximum
For lower frequencies, ensure slew rate (SR) > 400 V/µs
1.0/4.0
1.0/4.0
GHz min/max
−10 dBm/0 dBm minimum/maximum
REFERENCE CHARACTERISTICS
See Figure 11 for input circuit
REFIN Input Frequency
10/250
10/250
MHz min/max
For f < 10 MHz, use a dc-coupled, CMOS-compatible
square wave; slew rate > 25 V/µs
REFIN Input Sensitivity
0.7/AVDD
0.7/AVDD
V p-p min/max
Biased at AVDD/23
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency4
32
32
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable; see Table 9
High Value
5
5
mA typ
With RSET = 5.1 kΩ
Low Value
312.5
312.5
µA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
1.5/10
1.5/10
kΩ min/max
ICP Three-State Leakage Current
1
4.5
nA typ
Sink and source current
Matching
2
2
% typ
0.5 V < VCP < VP – 0.5
ICP vs. VCP
2
2
% typ
0.5 V < VCP < VP – 0.5
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.4
1.4
V min
VINL, Input Low Voltage
0.6
0.6
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
1.4
V min
Open-drain 1 kΩ pull-up to 1.8 V
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
2.7/3.3
2.7/3.3
V min/V max
DVDD, SDVDD
AVDD
AVDD
VP
AVDD/5.5
AVDD/5.5
V min/V max
IDD
24
24
mA max
20 mA typical
Low Power Sleep Mode
1
1
µA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com