Electronic Components Datasheet Search
  English  ▼

X  

ADM202 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM202
Description  High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 5 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
REV. A
ADM202/ADM203
–5–
GENERAL INFORMATION
The ADM202/ADM203 is an RS-232 drivers/receivers designed
to solve interface problems by meeting the EIA-232E specifica-
tions while using a single digital 5 V supply. The EIA standard
requires transmitters that will deliver
± 5 V minimum on the
transmission channel and receivers that can accept signal levels
down to
± 3 V. The parts achieve this by integrating step up
voltage converters and level shifting transmitters and receivers
onto the same chip. CMOS technology is used to keep the power
dissipation to an absolute minimum.
The ADM203 uses internal capacitors and, therefore, no exter-
nal capacitors are required.
The ADM202 contains an internal voltage doubler and a voltage
inverter which generates
±10 V from the 5 V input. External
0.1
µF capacitors are required for the internal voltage converter.
The ADM202/ADM203 is a modification, enhancement and
improvement to the AD230–AD241 family and derivatives
thereof. It is essentially plug-in compatible and does not have
materially different applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of three main sections. These are:
(a) A Charge Pump Voltage Converter
(b) RS-232 to TTL/CMOS Receivers
(c) TTL/CMOS to RS-232 Transmitters
Charge Pump DC-DC Voltage Converter
The charge pump voltage converter consists of an oscillator and
a switching matrix. The converter generates a
±10 V supply
from the input 5 V level. This is done in two stages using a
switched capacitor technique as illustrated below. First, the 5 V
input supply is doubled to 10 V using capacitor C1 as the charge
storage element. The 10 V level is then inverted to generate
–10 V using C2 as the storage element.
Capacitors C3 and C4 are used to reduce the output ripple.
Their values are not critical and can be reduced if higher levels
of ripple are acceptable. The charge pump capacitors C1 and
C2 may also be reduced at the expense of higher output imped-
ance on the V+ and V– supplies. On the ADM203, all capacitors
C1 to C4 are molded into the package.
The V+ and V– supplies may also be used to power external
circuitry if the current requirements are small.
S1
S3
V+ = 2VCC
S2
S4
INTERNAL
OSCILLATOR
C1
C3
VCC
GND
VCC
Figure 2. Charge Pump Voltage Doubler
S1
S3
S2
S4
INTERNAL
OSCILLATOR
C2
C4
V+
GND
V– = –(V+)
FROM
VOLTAGE
DOUBLER
GND
Figure 3. Charge Pump Voltage Inverter
Transmitter (Driver) Section
The drivers convert TTL/CMOS input levels into EIA-232-E
output levels. With VCC = +5 V and driving a typical EIA-232-E
load, the output voltage swing is
± 9 V. Even under worst-case
conditions the drivers are guaranteed to meet the
±5 V EIA-232-E
minimum requirement.
The input threshold levels are both TTL and CMOS compat-
ible with the switching threshold set at VCC/4. With a nominal
VCC = 5 V the switching threshold is 1.25 V typical. Unused
inputs may be left unconnected, as an internal 400 k
Ω pull-up
resistor pulls them high forcing the outputs into a low state.
As required by the EIA-232-E standard the slew rate is limited
to less than 30 V/
µs without the need for an external slew limiting
capacitor and the output impedance in the power-off state is
greater than 300
Ω.
Receiver Section
The receivers are inverting level shifters that accept EIA-232-E
input levels (
±5 V to ±15 V) and translate them into 5 V TTL/
CMOS levels. The inputs have internal 5 k
Ω pull-down resistors
to ground and are also protected against overvoltages of up to
±30 V. The guaranteed switching thresholds are 0.8 V minimum
and 2.4 V maximum which are well within the
±3 V EIA-232
requirement. The low level threshold is deliberately positive
as it ensures that an unconnected input will be interpreted as
a low level.
The receivers have Schmitt trigger input with a hysteresis level
of 0.5 V. This ensures error free reception both for noisy inputs
and for inputs with slow transition times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com