Electronic Components Datasheet Search
  English  ▼

X  

ADM202 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM202
Description  High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 6 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
REV. A
–6–
ADM202/ADM203
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic DIP
(N-16)
16
18
9
PIN 1
0.840 (21.34)
0.745 (18.92)
0.280 (7.11)
0.240 (6.10)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
0.150
(3.81)
MIN
SEATING
PLANE
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
16-Lead Narrow SOIC
(R-16N)
16
9
8
1
0.1574 (4.00)
0.1497 (3.80)
0.3937 (10.00)
0.3859 (9.80)
0.050 (1.27)
BSC
PIN 1
0.2440 (6.20)
0.2284 (5.80)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
0.0500 (1.27)
0.0160 (0.41)
0.0099 (0.25)
0.0075 (0.19)
16-Lead Wide SOIC
(R-16W)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.018 (0.46)
0.014 (0.36)
0.107 (2.72)
0.089 (2.26)
16
9
8
1
0.419 (10.65)
0.404 (10.26)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.413 (10.50)
0.348 (10.10)
0.050 (1.27)
BSC
0.015 (0.38)
0.007 (1.18)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.045 (1.15)
0.020 (0.50)
20-Lead Plastic DIP
(N-20)
20
1
10
11
PIN 1
1.060 (26.90)
0.925 (23.50)
0.280 (7.11)
0.240 (6.10)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
0.150
(3.81)
MIN
0.210 (5.33)
MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com