Electronic Components Datasheet Search
  English  ▼

X  

ADP5037 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5037
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5037 Datasheet HTML 2Page - Analog Devices ADP5037 Datasheet HTML 3Page - Analog Devices ADP5037 Datasheet HTML 4Page - Analog Devices ADP5037 Datasheet HTML 5Page - Analog Devices ADP5037 Datasheet HTML 6Page - Analog Devices ADP5037 Datasheet HTML 7Page - Analog Devices ADP5037 Datasheet HTML 8Page - Analog Devices ADP5037 Datasheet HTML 9Page - Analog Devices ADP5037 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVIN to AGND
−0.3 V to +6 V
VIN1, VIN2 to AVIN
−0.3 V to +0.3 V
PGND1, PGND2 to AGND
−0.3 V to +0.3 V
VIN3, VIN4, VOUT1, VOUT2, FB1, FB2,
FB3, FB4, EN1, EN2, EN3, EN4,
MODE to AGND
−0.3 V to (AVIN + 0.3 V)
VOUT3 to AGND
−0.3 V to (VIN3 + 0.3 V)
VOUT4 to AGND
−0.3 V to (VIN4 + 0.3 V)
SW1 to PGND1
−0.3 V to (VIN1 + 0.3 V)
SW2 to PGND2
−0.3 V to (VIN2 + 0.3 V)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
For detailed information on power dissipation, see the Power
Dissipation and Thermal Considerations section.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
24-Lead, 0.5 mm pitch LFCSP
35
3
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com