Electronic Components Datasheet Search
  English  ▼

X  

ADP5037 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5037
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5037 Datasheet HTML 20Page - Analog Devices ADP5037 Datasheet HTML 21Page - Analog Devices ADP5037 Datasheet HTML 22Page - Analog Devices ADP5037 Datasheet HTML 23Page - Analog Devices ADP5037 Datasheet HTML 24Page - Analog Devices ADP5037 Datasheet HTML 25Page - Analog Devices ADP5037 Datasheet HTML 26Page - Analog Devices ADP5037 Datasheet HTML 27Page - Analog Devices ADP5037 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 24 of 28
PCB LAYOUT GUIDELINES
Poor layout can affect ADP5037 performance, causing electro-
magnetic interference (EMI) and electromagnetic compatibility
(EMC) problems, ground bounce, and voltage losses. Poor layout
can also affect regulation and stability. A good layout is
implemented using the following guidelines.
•
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies, and large tracks act as antennas.
•
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
•
Maximize the size of ground metal on the component side
to help with thermal dissipation.
•
Use a ground plane with several vias connecting to the
component side ground to further reduce noise interference
on sensitive circuit nodes.
•
Connect VIN1, VIN2, and AVIN together close to the IC
using short tracks.
In addition, refer to the UG-271 User Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com