Electronic Components Datasheet Search
  English  ▼

X  

AD768 Datasheet(PDF) 17 Page - Analog Devices

Part # AD768
Description  16-Bit, 30 MSPS D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD768 Datasheet HTML 12Page - Analog Devices AD768 Datasheet HTML 13Page - Analog Devices AD768 Datasheet HTML 14Page - Analog Devices AD768 Datasheet HTML 15Page - Analog Devices AD768 Datasheet HTML 16Page - Analog Devices AD768 Datasheet HTML 17Page - Analog Devices AD768 Datasheet HTML 18Page - Analog Devices AD768 Datasheet HTML 19Page - Analog Devices AD768 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD768
REV. B
–17–
IOUTA
NR
REFOUT
NC
REFCOM
IREFIN
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
LADCOM
IOUTB
(–5V) VEE
(+5V) VDD
(MSB) DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
CLOCK
DCOM
AD768
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C18
0.1µF
C2
1µF
C1
1µF
R1
499
A
A
R12
10k
31
29
27
25
23
21
19
17
R13
R14
R15
R16
R17
R18
R19
R20
0
0
0
0
0
0
0
0
TP1
J1
J1
J1
J1
J1
J1
J1
J1
1
2
SW2
C4
1µF
C19
0.1µF
C3
1µF
C17
0.1µF
A
C15
47µF, 25V
C16
0.1µF
C13
47µF, 25V
C14
0.1µF
A
R21
R23
R24
R25
R26
R27
R28
R29
0
0
0
0
0
0
0
0
1
3
5
7
9
11
13
15
J1
J1
J1
J1
J1
J1
J1
J1
–5A
+5D
33
J1
CLOCK
1
2
1
2
SW1
2
4
6
8
10
12
14
J1
J1
J1
J1
J1
J1
J1
16
18
20
22
24
26
28
J1
J1
J1
J1
J1
J1
J1
30
32
34
36
38
40
J1
J1
J1
J1
J1
J1
AGND CONNECTED TO DGND
ON GND PLANE UNDER U1
IN BETWEEN PINS 5 AND 25
DGND
AGND
A
C11
47µF, 25V
C12
0.1µF
C9
47µF, 25V
C10
0.1µF
A
–VEE
+VCC
A
C7
0.1µF
+VCC
–VEE
A
AD811
7
6
2
3
4
U3
U1
R10
499
50
JP5
R6
∞
C5
0.1µF
A
+VCC
–VEE
A
AD811
7
6
2
3
4
U2
R5
499
C6
0.1µF
A
C8
0.1µF
AB
1
1
22
JP1
JP2
50
4:1
3
1
T1
45
6
JP3
JP4
R9
100
R3
24.9
R2
24.9
R8
∞
A
R7
100
R11
50
A
A
Figure 35. AD768 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com