Electronic Components Datasheet Search
  English  ▼

X  

AD768 Datasheet(PDF) 2 Page - Analog Devices

Part # AD768
Description  16-Bit, 30 MSPS D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768 Datasheet(HTML) 2 Page - Analog Devices

  AD768 Datasheet HTML 1Page - Analog Devices AD768 Datasheet HTML 2Page - Analog Devices AD768 Datasheet HTML 3Page - Analog Devices AD768 Datasheet HTML 4Page - Analog Devices AD768 Datasheet HTML 5Page - Analog Devices AD768 Datasheet HTML 6Page - Analog Devices AD768 Datasheet HTML 7Page - Analog Devices AD768 Datasheet HTML 8Page - Analog Devices AD768 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD768–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
16
Bits
DC ACCURACY
1
Linearity Error
TA = +25
°C–8
±4
+8
LSB
TMIN to TMAX
–8
+8
LSB
Differential Nonlinearity
TA = +25°C–6
±2
+6
LSB
TMIN to TMAX
–8
+8
LSB
Monotonicity (13-Bit)
GUARANTEED OVER RATED SPECIFICATION TEMPERATURE RANGE
ANALOG OUTPUT
Offset Error
–0.2
+0.2
% of FSR
Gain Error
–1.0
+1.0
% of FSR
Full-Scale Output Current
2
20
mA
Output Compliance Range
–1.2
+5.0
V
Output Resistance
0.8
1.0
1.2
k
Ω
Output Capacitance
3
pF
REFERENCE OUTPUT
Reference Voltage
2.475
2.5
2.525
V
Reference Output Current
3
+5.0
+15
mA
REFERENCE INPUT
Reference Input Current
1
5
7
mA
Reference Bandwidth4
Small Signal, IREF = 5 mA
± 0.1 mA
28
MHz
Large Signal, IREF = 4 mA
± 2 mA
9
MHz
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
–5
+5
ppm of FSR/
oC
Gain Drift
5
–20
+20
ppm of FSR/
oC
Gain Drift
6
–40
+40
ppm of FSR/
oC
Reference Voltage Drift
–30
+30
ppm/
oC
DYNAMIC PERFORMANCE
7
Maximum Output Update Rate
30
40
MSPS
Output Settling Time (tST) (to 0.025%)
25
35
ns
Output Propagation Delay (tPD)10
ns
Glitch Impulse
35
pV-s
Output Rise Time (10% to 90%)
5
ns
Output Fall Time (10% to 90%)
5
ns
Output Noise (DB0–DB15 High, into 50
Ω)
3
nV/
√Hz
Differential Gain Error
0.01
%
Differential Phase Error
0.01
Degree
DIGITAL INPUTS
Logic “1” Voltage
3.5
V
Logic “0” Voltage
1.5
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
10
pF
Input Setup Time (tS)10
ns
Input Hold Time (tH)5
ns
Latch Pulse Width (tLPW)10
ns
AC LINEARITY
7
Spurious-Free Dynamic Range (SFDR Within a Window)
FOUT = 1.002 MHz; CLOCK = 10 MHz; 2 MHz Span
86
79
dB
FOUT = 1.002 MHz; CLOCK = 20 MHz; 2 MHz Span
85
dB
FOUT = 5.002 MHz; CLOCK = 30 MHz; 10 MHz Span
78
dB
Spurious-Free Dynamic Range (SFDR to Nyquist)
FOUT = 1.002 MHz; CLOCK = 10 MHz
74
70
dB
FOUT = 1.002 MHz; CLOCK = 20 MHz
73
dB
FOUT = 5.002 MHz; CLOCK = 30 MHz
67
dB
Total Harmonic Distortion (THD)
FOUT = 1.002 MHz; CLOCK = 10 MHz
–71
–68
dB
FOUT = 1.002 MHz; CLOCK = 20 MHz
–66
dB
FOUT = 5.002 MHz; CLOCK = 30 MHz
–61
dB
REV. B
–2–
(TMIN to TMAX , VDD = +5.0 V, VEE = –5.0 V, LADCOM, REFCOM, DCOM = 0 V, IREFIN = 5 mA,
CLOCK = 10 MHz, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com