Electronic Components Datasheet Search
  English  ▼

X  

AD5666 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5666
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5666 Datasheet(HTML) 4 Page - Analog Devices

  AD5666 Datasheet HTML 1Page - Analog Devices AD5666 Datasheet HTML 2Page - Analog Devices AD5666 Datasheet HTML 3Page - Analog Devices AD5666 Datasheet HTML 4Page - Analog Devices AD5666 Datasheet HTML 5Page - Analog Devices AD5666 Datasheet HTML 6Page - Analog Devices AD5666 Datasheet HTML 7Page - Analog Devices AD5666 Datasheet HTML 8Page - Analog Devices AD5666 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 4 of 28
Parameter
B Grade1
A Grade1, 2
Unit
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
LOGIC OUTPUTS (SDO)9
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 2 mA
Output High Voltage, VOH
VDD − 1
VDD − 1
ISOURCE = 2 mA
High Impedance Leakage
Current
±0.002
±1
±0.002
±1
μA
High Impedance Output
Capacitance6
7
7
pF
POWER REQUIREMENTS
VDD
4.5
5.5
4.5
5.5
V
DAC active, excludes load current
IDD10
VIH = VDD, VIL = GND, Code = midscale
Normal Mode
4
6
4
6
mA
All Power-Down Modes11
0.4
2
0.4
2
µA
TA = −40°C to +105°C
30
30
µA
TA = −40°C to +125°C
1
Temperature range is −40°C to +125°C, typical at 25°C.
2
A grade offered in AD5064 only.
3
Linearity and total unadjusted error are calculated using a reduced code range—AD5064/AD5064-1: Code 512 to Code 65,024; AD5044: Code 128 to Code 16,256;
AD5024: Code 32 to Code 4064. Output unloaded.
4
See the Terminology section.
5
Offset error calculated using a reduced code range—AD5064/AD5064-1: Code 512 to Code 65,024; AD5044: Code 128 to Code 16,256; AD5024: Code 32 to Code 4064.
Output unloaded
6
Guaranteed by design and characterization; not production tested.
7
Time to exit power-down mode to normal mode; 32nd clock edge to 90% of DAC midscale value, output unloaded.
8
Current flowing into individual digital pins. VDD = 5.5 V; VREF = 4.096 V; Code = midscale.
9
AD5064-1 only.
10
Interface inactive. All DACs active. DAC outputs unloaded.
11
All four DACs powered down.
AC CHARACTERISTICS
VDD = 4.5 V to 5.5 V, RL = 5 kΩ to GND, CL = 200 pF to GND, 2.5 V ≤ VREFIN ≤ VDD. All specifications TMIN to TMAX, unless otherwise
noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
Output Voltage Settling Time
5.8
8
µs
¼ to ¾ scale and ¾ to ¼ scale settling to ±1 LSB, RL = 5 kΩ,
single-channel update
10.7
13
µs
¼ to ¾ scale and ¾ to ¼ scale settling to ±1 LSB, RL = 5 kΩ, all channel
update
Slew Rate
1.5
V/µs
Digital-to-Analog Glitch Impulse
3
nV-sec
1 LSB change around major carry
Reference Feedthrough
−90
dB
VREF = 3 V ± 0.86 V p-p, frequency = 100 Hz to 100 kHz
Digital Feedthrough
0.1
nV-sec
Digital Crosstalk
1.9
nV-sec
Analog Crosstalk
2
nV-sec
DAC-to-DAC Crosstalk
3.5
nV-sec
AC Crosstalk
6
nV-sec
Multiplying Bandwidth
340
kHz
VREF = 3 V ± 0.86 V p-p
Total Harmonic Distortion
−80
dB
VREF = 3 V ± 0.2 V p-p, frequency = 10 kHz
Output Noise Spectral Density
64
nV/√Hz
DAC code = 0x8400, frequency = 1 kHz
60
nV/√Hz
DAC code = 0x8400, frequency = 10 kHz
Output Noise
6
μV p-p
0.1 Hz to 10 Hz
1
Guaranteed by design and characterization; not production tested.
2
See the Terminology section.
3
Temperature range is −40°C to +125°C, typical at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com