Electronic Components Datasheet Search
  English  ▼

X  

AD5666 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5666
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5666 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5666 Datasheet HTML 8Page - Analog Devices AD5666 Datasheet HTML 9Page - Analog Devices AD5666 Datasheet HTML 10Page - Analog Devices AD5666 Datasheet HTML 11Page - Analog Devices AD5666 Datasheet HTML 12Page - Analog Devices AD5666 Datasheet HTML 13Page - Analog Devices AD5666 Datasheet HTML 14Page - Analog Devices AD5666 Datasheet HTML 15Page - Analog Devices AD5666 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 12 of 28
0.2
0.1
0
–0.1
–0.2
4.50
4.75
5.00
5.25
5.50
VDD (V)
GAIN ERROR
FULL-SCALE ERROR
VREF = 4.096V
TA = 25°C
Figure 20. Gain Error and Full-Scale Error vs. Supply Voltage
0.12
0.09
0.06
0.03
0
4.50
4.75
5.00
5.25
5.50
VDD (V)
VREF = 4.096V
TA = 25°C
Figure 21. Offset Error Voltage vs. Supply Voltage
IDD POWER-UP (mA)
3.9
4.0
4.1
4.2
4.3
0
5
10
15
20
25
30
35
40
MEAN: 4.11699
SD: 0.0544403
LIMITS: LOW: 3 HIGH: 4.3
CPk: LOW: 6.84 HIGH: 1.12
VREF = 4.096V
TA = 25°C
CODE = MIDSCALE
Figure 22. IDD Histogram, VDD = 5.0 V
0
2
4
6
8
10
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
DAC CODE
VDD = 5.5V
VREF = 4.096
TA = 25°C
Figure 23. Supply Current vs. Code
0
2
4
6
8
10
TEMPERATURE (°C)
VDD = 5.5V
VREF = 4.096
CODE = MIDSCALE
–40
–20
0
20
40
60
80
100
120
Figure 24. Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
VDD = 5.5V
VREF = 4.096
TA = 25°C
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Figure 25. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com