Electronic Components Datasheet Search
  English  ▼

X  

AD5024 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5024
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5024 Datasheet(HTML) 1 Page - Analog Devices

  AD5024 Datasheet HTML 1Page - Analog Devices AD5024 Datasheet HTML 2Page - Analog Devices AD5024 Datasheet HTML 3Page - Analog Devices AD5024 Datasheet HTML 4Page - Analog Devices AD5024 Datasheet HTML 5Page - Analog Devices AD5024 Datasheet HTML 6Page - Analog Devices AD5024 Datasheet HTML 7Page - Analog Devices AD5024 Datasheet HTML 8Page - Analog Devices AD5024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI
Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
AD5066
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low power quad 16-bit nanoDAC, ±1 LSB INL
Low total unadjusted error of ±0.1 mV typically
Low zero code error of 0.05 mV typically
Individually buffered reference pins
2.7 V to 5.5 V power supply
Specified over full code range of 0 to 65535
Power-on reset to zero scale or midscale
Per channel power-down with 3 power-down functions
Hardware LDAC with software LDAC override function
CLR
Small 16-lead TSSOP
function to programmable code
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
GENERAL DESCRIPTION
The AD5066 is a low power, 16-bit quad-channel, unbuffered
voltage output nanoDAC® offering relative accuracy specifica-
tions of ±1 LSB INL with individual reference pins and can
operate from a single 2.7 V to 5.5 V supply. The AD5066 also
offers a differential accuracy specification of ±1 LSB DNL.
Reference buffers are also provided on-chip. The part uses a
versatile 3-wire, low power Schmitt trigger serial interface that
operates at clock rates up to 50 MHz and is compatible with
standard SPI®, QSPI™, MICROWIRE™, and most DSP interface
standards. The AD5066 incorporates a power-on reset circuit
that ensures the DAC output powers up to zero scale or
midscale and remains there until a valid write to the device
takes place.
Total unadjusted error for the part is <0.8 mV. Zero code error
for the part is 0.05 mV typically.
The AD5066 contains a power-down feature that reduces the
current consumption of the device to typically 400 nA at 5 V
and provides software selectable output loads while in power-
down mode.
The outputs of all DACs can be updated simultaneously using
the hardware LDAC function, with the added functionality of
user software selectable DAC channels to update simultaneously.
There is also an asynchronous CLR that clears all DACs to a
software-selectable code—0 V, midscale, or full scale.
PRODUCT HIGHLIGHTS
1. Quad channel available in 16-lead TSSOP, ±1 LSB INL.
2. Individually buffered voltage reference pins.
3. TUE = ±0.8 mV max and zero code error = 0.1 mV max.
4. High speed serial interface with clock speeds up to 50 MHz.
5. Three power-down modes available to the user.
6. Reset to known output voltage (zero scale or midscale).
Table 1. Related Devices
Part No.
Description
AD5666
Quad,16-bit buffered DAC,16 LSB INL, TSSOP
AD5025/AD5045/AD50651
Dual,12-/14-/16-bit buffered nanoDAC,
TSSOP
AD5024/AD5044/AD50641
Quad 16-bit nanoDAC, TSSOP
AD50621
Single, 16-bit nanoDAC, SOT-23
AD50631
Single, 16-bit nanoDAC, MSOP
AD5061
Single,16-bit nanoDAC, ±4 LSB INL, SOT-23
AD5040/AD50601
14-/16-bit nanoDAC, SOT-23
1 ±1 LSB INL
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
INPUT
REGISTER
DIN
LDAC
GND
VDD
LDAC
VREFA
SYNC
SCLK
AD5066
CLR
VOUTA
VOUTB
VOUTC
VOUTD
DAC
REGISTER
DAC A
INPUT
REGISTER
DAC
REGISTER
DAC B
INPUT
REGISTER
DAC
REGISTER
DAC C
DAC D
INPUT
REGISTER
DAC
REGISTER
VREFB
VREFC VREFD
POR
POWER-DOWN LOGIC
POWER-ON RESET
Figure 1.


Similar Part No. - AD5024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5024 AD-AD5024 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5024 AD-AD5024 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5024 AD-AD5024 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
6/2016-Rev. F to Rev. G
AD5024 AD-AD5024 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results

Similar Description - AD5024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5066 AD-AD5066 Datasheet
445Kb / 20P
Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5024 AD-AD5024 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com