Electronic Components Datasheet Search
  English  ▼

X  

AD5024 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5024
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5024 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5024 Datasheet HTML 16Page - Analog Devices AD5024 Datasheet HTML 17Page - Analog Devices AD5024 Datasheet HTML 18Page - Analog Devices AD5024 Datasheet HTML 19Page - Analog Devices AD5024 Datasheet HTML 20Page - Analog Devices AD5024 Datasheet HTML 21Page - Analog Devices AD5024 Datasheet HTML 22Page - Analog Devices AD5024 Datasheet HTML 23Page - Analog Devices AD5024 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5066
Rev. A | Page 20 of 24
AD5066 to 80C51/80L51 Interface
Figure 45 shows a serial interface between the AD5066 and the
80C51/80L51 microcontroller. The setup for the interface is as
follows: TxD of the 80C51/80L51 drives SCLK of the AD5066,
RxD drives DIN on the AD5066, and a bit-programmable pin on
the port (P3.3) drives the SYNC signal. When data is to be
transmitted to the AD5066, P3.3 is taken low. The 80C51/80L51
transmit data in 8-bit bytes only; thus, only eight falling clock
edges occur in the transmit cycle. To load data to the DAC, P3.3
is left low after the first eight bits are transmitted, and a second,
third, and fourth write cycle is initiated to transmit the second,
third, and fourth byte of data. P3.3 is taken high following the
completion of this cycle. The 80C51/80L51 output the serial
data in a format that has the LSB first. The AD5066 must
receive data with the MSB first. The 80C51/80L51 transmit
routine should take this into account.
AD5066*
SYNC
P3.3
SCLK
TxD
DIN
RxD
*ADDITIONAL PINS OMITTED FOR CLARITY.
80C51/80L51*
Figure 45. AD5066 to 80C512/80L51 Interface
AD5066 to MICROWIRE Interface
Figure 46 shows an interface between the AD5066 and any
MICROWIRE-compatible device. Serial data is clocked into
the AD5066 on the falling edge of the SCLK.
AD5066*
SYNC
CS
DIN
SK
SCLK
SO
*ADDITIONAL PINS OMITTED FOR CLARITY.
MICROWIRE*
Figure 46. AD5066 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com