Electronic Components Datasheet Search
  English  ▼

X  

AD5161 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5161
Description  256-Position SPI/I2C Selectable Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5161 Datasheet HTML 12Page - Analog Devices AD5161 Datasheet HTML 13Page - Analog Devices AD5161 Datasheet HTML 14Page - Analog Devices AD5161 Datasheet HTML 15Page - Analog Devices AD5161 Datasheet HTML 16Page - Analog Devices AD5161 Datasheet HTML 17Page - Analog Devices AD5161 Datasheet HTML 18Page - Analog Devices AD5161 Datasheet HTML 19Page - Analog Devices AD5161 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5161
Data Sheet
Rev. B | Page 18 of 20
LEVEL SHIFTING FOR BIDIRECTIONAL INTERFACE
While most legacy systems may be operated at one voltage, a
new component may be optimized at another. When two systems
operate the same signal at two different voltages, proper level
shifting is needed. For instance, one can use a 3.3 V E2PROM to
interface with a 5 V digital potentiometer. A level shifting scheme is
needed to enable a bidirectional communication so that the setting
of the digital potentiometer can be stored to and retrieved from
the E2PROM. Figure 45 shows one of the implementations. M1
and M2 can be any N-channel signal FETs, or if VDD falls below
2.5 V, low threshold FETs such as the FDV301N.
E2PROM
AD5161
SDA1
SCL1
D
G
RP
RP
3.3V
5V
S
M1
SCL2
SDA2
RP
RP
G
S
M2
VDD1 = 3.3V
VDD2 = 5V
D
Figure 45. Level Shifting for Operation at Different Potentials
ESD PROTECTION
All digital inputs are protected with a series input resistor and
parallel Zener ESD structures shown in Figure 46 and Figure 47.
This applies to the digital input pins SDI/SDA, CLK/SCL, and
CS/AD0.
LOGIC
340
Ω
Vss
Figure 46. ESD Protection of Digital Pins
A,B,W
VSS
Figure 47. ESD Protection of Resistor Terminals
TERMINAL VOLTAGE OPERATING RANGE
The AD5161 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer
operation. Supply signals present on terminals A, B, and W that
exceed VDD or GND will be clamped by the internal forward
biased diodes (see Figure 48).
A
VDD
B
W
VSS
Figure 48. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP SEQUENCE
Since the ESD protection diodes limit the voltage compliance at
terminals A, B, and W (see Figure 48), it is important to power
VDD/GND before applying any voltage to terminals A, B, and W;
otherwise, the diode will be forward biased such that VDD will
be powered unintentionally and may affect the rest of the user’s
circuit. The ideal power-up sequence is in the following order:
GND, VDD, digital inputs, and then VA/B/W. The relative order of
powering VA, VB, VW, and the digital inputs is not important as
long as they are powered after VDD/GND.
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also a good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with disc or chip ceramic
capacitors of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum
or electrolytic capacitors should also be applied at the supplies
to minimize any transient disturbance and low frequency ripple
(see Figure 49). Note that the digital ground should also be
joined remotely to the analog ground at one point to minimize
the ground bounce.
AD5161
VDD
C1
C3
GND
10
µF
0.1
µF
+
VDD
Figure 49. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com