Electronic Components Datasheet Search
  English  ▼

X  

AD50641 Datasheet(PDF) 8 Page - Analog Devices

Part # AD50641
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD50641 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD50641 Datasheet HTML 4Page - Analog Devices AD50641 Datasheet HTML 5Page - Analog Devices AD50641 Datasheet HTML 6Page - Analog Devices AD50641 Datasheet HTML 7Page - Analog Devices AD50641 Datasheet HTML 8Page - Analog Devices AD50641 Datasheet HTML 9Page - Analog Devices AD50641 Datasheet HTML 10Page - Analog Devices AD50641 Datasheet HTML 11Page - Analog Devices AD50641 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5066
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 4. INL Error vs. Code
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 5. DNL Error vs. Code
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 6. Total Unadjusted Error vs. Code
–0.5
–0.4
–0.3
–0.2
0
0.1
–0.1
0.2
0.3
0.4
0.5
2
3
4
5
REFERENCE VOLTAGE (V)
MIN INL
MAX INL
VDD = 5V
TA = 25°C
Figure 7. INL vs. Reference Input Voltage
–0.5
–0.4
–0.3
–0.2
0
0.1
–0.1
0.2
0.3
0.4
0.5
2
3
4
5
REFERENCE VOLTAGE (V)
MIN DNL
MAX DNL
VDD = 5.5V
TA = 25°C
Figure 8. DNL vs. Reference Input Voltage
–100
–80
–60
–40
–20
0
20
40
60
80
100
2
3
4
5
REFERENCE VOLTAGE (V)
MAX TUE
MIN TUE
VDD = 5.5V
TA = 25°C
Figure 9. Total Unadjusted Error vs. Reference Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com