Electronic Components Datasheet Search
  English  ▼

X  

AD50641 Datasheet(PDF) 10 Page - Analog Devices

Part # AD50641
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD50641 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD50641 Datasheet HTML 6Page - Analog Devices AD50641 Datasheet HTML 7Page - Analog Devices AD50641 Datasheet HTML 8Page - Analog Devices AD50641 Datasheet HTML 9Page - Analog Devices AD50641 Datasheet HTML 10Page - Analog Devices AD50641 Datasheet HTML 11Page - Analog Devices AD50641 Datasheet HTML 12Page - Analog Devices AD50641 Datasheet HTML 13Page - Analog Devices AD50641 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5066
Rev. A | Page 10 of 24
–0.0020
–0.0015
–0.0010
–0.0005
0.0005
0
0.0010
0.0015
0.0020
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
VREF = 4.096V
Figure 16. Gain Error vs. Temperature
–0.010
–0.005
0
0.005
0.010
2.7
3.2
3.7
4.2
4.7
5.2
VDD (V)
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 17. Gain Error and Full-Scale Error vs. Supply Voltage
0
5
10
15
20
2.7
3.7
4.7
VDD (V)
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 18. Zero-Code Error vs. Supply Voltage
7
2.45
IDD POWER-UP (mA)
6
5
4
3
2
1
0
2.50
2.55
2.60
2.65
2.70
VDD = 5V
DAC OUTPUT UNLOADED
TA = 25°C
Figure 19. IDD Histogram VDD = 5.5 V
60
50
40
30
20
10
0
0.2
0.4
0.6
IDD POWERDOWN (µA)
0.8
1.0
+125°C IDD POWERDOWN
+25°C IDD POWERDOWN
–40°C IDD POWERDOWN
VDD = 5V
TA = 25°C
DAC OUTPUT UNLOADED
Figure 20. IDD Power-Down Histogram
0
1
2
3
4
5
0
10,000
20,000
30,000
40,000
DAC CODE
50,000
60,000
VDD = 5.5V
VREF = 4.096V
TA = 25°C
Figure 21. IDD vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com