Electronic Components Datasheet Search
  English  ▼

X  

AD5040 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5040
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 4 Page - Analog Devices

  AD5040 Datasheet HTML 1Page - Analog Devices AD5040 Datasheet HTML 2Page - Analog Devices AD5040 Datasheet HTML 3Page - Analog Devices AD5040 Datasheet HTML 4Page - Analog Devices AD5040 Datasheet HTML 5Page - Analog Devices AD5040 Datasheet HTML 6Page - Analog Devices AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5066
Rev. A | Page 4 of 24
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 2.0 V ≤ VREFA, VREFB, VREFC, VREFD ≤ VDD − 0.4 V all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
DYNAMIC PERFORMACE
Output Voltage Settling Time
7.5
10
µs
¼ to ¾ scale settling to ±2 LSB, single channel update, output
unloaded
Output Voltage Settling Time
12
15
µs
¼ to ¾ scale settling to ±2 LSB, all channel update, output
unloaded
Slew Rate
1.7
V/µs
Digital-to-Analog Glitch Impulse
3
nV-sec
1 LSB change around major carry
Reference Feedthrough
−70
dB
V
REF = 3 V ± 0.5 V p-p, frequency = 60 Hz to 20 MHz
Digital Feedthrough
0.02
nV-sec
Digital Crosstalk
1.7
nV-sec
Analog Crosstalk
3.7
nV-sec
DAC-to-DAC Crosstalk
5.4
nV-sec
Total Harmonic Distortion
−83
dB
V
REF = 3 V ± 0.2 V p-p, frequency = 10 kHz
Output Noise Spectral Density
30
nV/√Hz
DAC code = 0x8000, 1 kHz
25
nV/√Hz
DAC code = 0x8000, 10 kHz
Output Noise
4.7
μV p-p
0.1 Hz to 10 Hz
1 Temperature range is −40°C to +125°C, typical at +25°C.
2 See the Terminology section.
3 Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com