Electronic Components Datasheet Search
  English  ▼

X  

AD5040 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5040
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices AD5040 Datasheet HTML 10Page - Analog Devices AD5040 Datasheet HTML 11Page - Analog Devices AD5040 Datasheet HTML 12Page - Analog Devices AD5040 Datasheet HTML 13Page - Analog Devices AD5040 Datasheet HTML 14Page - Analog Devices AD5040 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5066
Rev. A | Page 11 of 24
0
1
2
3
4
5
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
VDD = 5.5V
VREF = 4.096V
TA = 25°C
CODE = MIDSCALE
Figure 22. IDD vs. Temperature
2.7
3.0
3.5
4.0
4.5
SUPPLY VOLTAGE (V)
5.0
5.5
0
1
2
3
4
5
VREF = 4.096V
TA = 25°C
CODE = MIDSCALE
Figure 23. IDD vs. Supply Voltage
DIGITAL INPUT VOLTAGE (V)
0
2
4
6
8
10
0
1
2
3
4
5
6
VDD = 5.5V
VREF = 4.096V
TA = 25°C
Figure 24. IDD vs. Digital Input Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
1/4 TO 3/4
3/4 TO 1/4
VDD = 4.5V
VREF = 4.096V
OUTPUT AMPLIFIER = AD797
TA = 25°C
DAC LOAD = 9pF
Figure 25. Settling Time
CH1 2.00V
CH3 2.00V
CH2 2.00V
M10.00ms
A CH1
640mV
T 30.20%
VDD
VREF
VOUT
VREF = 4.096V
TA = 25°C
Figure 26. POR to 0 V
CH1 2.00V
CH3 2.00V
CH2 2.00V
M10.00ms
A CH1
640mV
T 30.20%
VDD
VREF
VOUT
VDD = 5.5V
VREF = 4.096V
Figure 27. POR to MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com