Electronic Components Datasheet Search
  English  ▼

X  

MTP12P10 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP12P10
Description  TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12P10 Datasheet(HTML) 1 Page - Motorola, Inc

  MTP12P10 Datasheet HTML 1Page - Motorola, Inc MTP12P10 Datasheet HTML 2Page - Motorola, Inc MTP12P10 Datasheet HTML 3Page - Motorola, Inc MTP12P10 Datasheet HTML 4Page - Motorola, Inc MTP12P10 Datasheet HTML 5Page - Motorola, Inc MTP12P10 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Power Field Effect Transistor
P–Channel Enhancement–Mode Silicon Gate
This TMOS Power FET is designed for medium voltage, high
speed power switching applications such as switching regulators,
converters, solenoid and relay drivers.
• Silicon Gate for Fast Switching Speeds — Switching Times
Specified at 100
°C
• Designer’s Data — IDSS, VDS(on), VGS(th) and SOA Specified
at Elevated Temperature
• Rugged — SOA is Power Dissipation Limited
• Source–to–Drain Diode Characterized for Use With Inductive Loads
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
100
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
100
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–repetitive (tp ≤ 50 µs)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current — Continuous
Drain Current — Pulsed
ID
IDM
12
28
Adc
Total Power Dissipation
Derate above 25
°C
PD
75
0.6
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to 150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
°
R
θJC
R
θJA
1.67
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s is a trademark of Motorola, Inc.
REV 1
Order this document
by MTP12P10/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTP12P10
TMOS POWER FET
12 AMPERES
100 VOLTS
RDS(on) = 0.3 OHM
®
D
S
G
CASE 221A–06, Style 5
TO–220AB
© Motorola, Inc. 1996


Similar Part No. - MTP12P10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP12P10 MOTOROLA-MTP12P10 Datasheet
169Kb / 5P
POWER FIELD EFFECT TRANSISTOR
logo
ON Semiconductor
MTP12P10 ONSEMI-MTP12P10 Datasheet
78Kb / 6P
Power MOSFET 12 Amps, 100 Volts P?묬hannel TO??20
June, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MTP12P10 NJSEMI-MTP12P10 Datasheet
95Kb / 2P
Power Field Effect Transistor
MTP12P10 NJSEMI-MTP12P10 Datasheet
95Kb / 2P
Power Field Effect Transistor
logo
Inchange Semiconductor ...
MTP12P10 ISC-MTP12P10 Datasheet
279Kb / 2P
isc P-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - MTP12P10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD1N80E MOTOROLA-MTD1N80E Datasheet
269Kb / 10P
TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHM
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTD2955V MOTOROLA-MTD2955V Datasheet
148Kb / 10P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
MTD3055VL MOTOROLA-MTD3055VL Datasheet
209Kb / 10P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTP12N06EZL MOTOROLA-MTP12N06EZL Datasheet
222Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.180 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
MTP2955E MOTOROLA-MTP2955E Datasheet
207Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTY100N10E MOTOROLA-MTY100N10E Datasheet
216Kb / 8P
TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com