Electronic Components Datasheet Search
  English  ▼

X  

MTP12P10 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP12P10
Description  TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12P10 Datasheet(HTML) 2 Page - Motorola, Inc

  MTP12P10 Datasheet HTML 1Page - Motorola, Inc MTP12P10 Datasheet HTML 2Page - Motorola, Inc MTP12P10 Datasheet HTML 3Page - Motorola, Inc MTP12P10 Datasheet HTML 4Page - Motorola, Inc MTP12P10 Datasheet HTML 5Page - Motorola, Inc MTP12P10 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MTP12P10
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 0.25 mA)
V(BR)DSS
100
—
Vdc
Zero Gate Voltage Drain Current
(VDS = Rated VDSS, VGS = 0)
(VDS = Rated VDSS, VGS = 0, TJ = 125°C)
IDSS
—
—
10
100
µAdc
Gate–Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
—
100
nAdc
Gate–Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
—
100
nAdc
ON CHARACTERISTICS*
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mA)
TJ = 100°C
VGS(th)
2.0
1.5
4.5
4.0
Vdc
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 6.0 Adc)
RDS(on)
—
0.3
Ohm
Drain–Source On–Voltage (VGS = 10 V)
(ID = 12 Adc)
(ID = 6.0 Adc, TJ = 100°C)
VDS(on)
—
—
4.2
3.8
Vdc
Forward Transconductance (VDS = 15 V, ID = 6.0 A)
gFS
2.0
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
See Figure 10
Ciss
—
920
pF
Output Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
See Figure 10
Coss
—
575
Reverse Transfer Capacitance
See Figure 10
Crss
—
200
SWITCHING CHARACTERISTICS* (TJ = 100°C)
Turn–On Delay Time
(VDD = 25 V, ID = 0.5 Rated ID,
RG = 50 Ω)
See Figures 12 and 13
td(on)
—
50
ns
Rise Time
(VDD = 25 V, ID = 0.5 Rated ID,
RG = 50 Ω)
See Figures 12 and 13
tr
—
150
Turn–Off Delay Time
RG = 50 Ω)
See Figures 12 and 13
td(off)
—
150
Fall Time
tf
—
150
Total Gate Charge
(VDS = 0.8 Rated VDSS,
ID = Rated ID, VGS = 10 V)
See Figure 11
Qg
33 (Typ)
50
nC
Gate–Source Charge
(VDS = 0.8 Rated VDSS,
ID = Rated ID, VGS = 10 V)
See Figure 11
Qgs
16 (Typ)
—
Gate–Drain Charge
See Figure 11
Qgd
17 (Typ)
—
SOURCE–DRAIN DIODE CHARACTERISTICS*
Forward On–Voltage
(IS = Rated ID,
VGS = 0)
VSD
4.0 (Typ)
5.5
Vdc
Forward Turn–On Time
(IS = Rated ID,
VGS = 0)
ton
Limited by stray inductance
Reverse Recovery Time
VGS = 0)
trr
300 (Typ)
—
ns
INTERNAL PACKAGE INDUCTANCE (TO–204)
Internal Drain Inductance
(Measured from the contact screw on the header closer
to the source pin and the center of the die)
Ld
5.0 (Typ)
—
nH
Internal Source Inductance
(Measured from the source pin, 0.25
″ from the package
to the source bond pad)
Ls
12.5 (Typ)
—
INTERNAL PACKAGE INDUCTANCE (TO–220)
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
Ld
3.5 (Typ)
4.5 (Typ)
—
—
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
Ls
7.5 (Typ)
—
* Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com