Electronic Components Datasheet Search
  English  ▼

X  

AD5520JSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5520JSTZ
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520JSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD5520JSTZ Datasheet HTML 1Page - Analog Devices AD5520JSTZ Datasheet HTML 2Page - Analog Devices AD5520JSTZ Datasheet HTML 3Page - Analog Devices AD5520JSTZ Datasheet HTML 4Page - Analog Devices AD5520JSTZ Datasheet HTML 5Page - Analog Devices AD5520JSTZ Datasheet HTML 6Page - Analog Devices AD5520JSTZ Datasheet HTML 7Page - Analog Devices AD5520JSTZ Datasheet HTML 8Page - Analog Devices AD5520JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5520
Rev. B | Page 4 of 24
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
AMPLIFIER SETTLING TIME4, 5
VSENSE Amp
20
μs
to 0.2%
ISENSE Amp
12
μs
to 0.2%
LOOP SETTLING4, 5
Settling to within 0.024% of 8 V step
COMPIN2 = 100 pF
450
600
μs
MODE0
285
390
μs
MODE1
170
240
μs
MODE2, MODE3
COMPIN1 = 1000 pF
2
2.5
ms
MODE0
1.8
2.4
ms
MODE1, MODE2, MODE3
COMPIN0 = 3000 pF
5.75
8.7
ms
MODE0, MODE1, MODE2, MODE3
SLEW RATE4, 5
50
mV/μs
COMPIN2 = 100 pF
4.3
mV/μs
COMPIN1 = 1000 pF
1.28
mV/μs
COMPIN0 = 3000 pF
COMPARATOR
CPH, CPL Input Range
±11
V
VCPH > VCPL
Input Offset
±7
mV
GUARD DRIVER
Output Voltage
±11
V
Output Impedance
130
Ω
Capacitive load only
Output Offset Voltage
400
mV
Load Current4
±4
mA
Output Settling Time4
0.5
2
μs
100 pF capacitive load
ANALOG REFERENCE INPUTS
Force Control Input Range
±11
V
Force Control Input Impedance
1
MΩ
Clamp Control Input Range
±11
V
VCLH > VCLL
Clamp Control Input Impedance
1
MΩ
Comparator Threshold Input Range
±11
V
Comparator Threshold Input Impedance
1
MΩ
Input Capacitance4
3
pF
LEAKAGE CURRENT
MEASIxx, MEASVx, MEASOUT Leakage
±3
±20
nA
ANALOG MEASUREMENT OUTPUTS
Voltage Measure Output Impedance
2
Ω
Current Measure Output Impedance
3
Ω
Multiplexed Sense Output Impedance
1
kΩ
Input Capacitance
MEASIxH, MEASVH, FOHx
8
pF
LOGIC INPUTS
Input Current
±1
μA
All digital inputs together
Input Low Voltage, VINL
0.8
V
Input High Voltage, VIHL
2.0
V
Input Capacitance4
3
pF
LOGIC OUTPUTS
Output Low Voltage, VOL4
0.4
V
ISINK = 2 mA
Output High Voltage, VOH4
2.4
V
ISOURCE = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com