Electronic Components Datasheet Search
  English  ▼

X  

AD5520JSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5520JSTZ
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520JSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD5520JSTZ Datasheet HTML 1Page - Analog Devices AD5520JSTZ Datasheet HTML 2Page - Analog Devices AD5520JSTZ Datasheet HTML 3Page - Analog Devices AD5520JSTZ Datasheet HTML 4Page - Analog Devices AD5520JSTZ Datasheet HTML 5Page - Analog Devices AD5520JSTZ Datasheet HTML 6Page - Analog Devices AD5520JSTZ Datasheet HTML 7Page - Analog Devices AD5520JSTZ Datasheet HTML 8Page - Analog Devices AD5520JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5520
Rev. B | Page 5 of 24
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
AVCC
14.25
15
15.75
V
for specific performance6
AVEE
−14.25
−15
+15.75
V
Power Supply Rejection Ratio, PSRR1
FOH
−25
dB
100 kHz
−16
dB
500 kHz
−15
dB
1 MHz
MEASOUT
−55
dB
100 kHz
−10
dB
500 kHz
DC PSR
90
dB
DVDD
5
V
IAVCC
12
mA
IAVEE
12
mA
IDVDD
0.5
mA
Digital inputs at supply rails
1 Typical values are at 25°C and nominal supply, unless otherwise noted.
2 Full-scale = 11 V.
3 Full-scale range = 22 V.
4 Guaranteed by design and characterization, but not subject to production test.
5 Force control amplifier dominates slew rate and settling time.
6 Operational with ±12 V supplies, force/measure range is reduced to ±8.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com